Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400HFS/EM Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 29Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 30Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 31Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 32Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 33Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 34Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 35Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 36Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
CLK
ADS5400
CLK
SquareWaveor
SineWave
0.01 F
m
0.01 F
m
ADS5400
AVDD5
Internal
Clock
Buffer
GND
GND
GND
AVDD5
~7.2 nH Bond Wire
~7.2 nH Bond Wire
~1.5 pF
Package
~0.2 pF
Bondpad
~1.5 pF
Package
~0.2 pF
Bondpad
400 W
AVDD5V/2
200 W
CLKINN
400 W
10 W
0.25 pF
0.25 pF
10 W
CLKINP
ADS5400-SP
www.ti.com
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
Clock Inputs
The ADS5400 clock input can be driven with either a differential clock signal or a single-ended clock input. The
equivalent clock input circuit can be seen in Figure 30. In low-input-frequency applications, where jitter may not
be a big concern, the use of a single-ended clock (as shown in Figure 31) could save cost and board space
without much performance tradeoff. When clocked with this configuration, it is best to connect CLK to ground
with a 0.01-
μF capacitor, while CLK is ac-coupled with a 0.01-μF capacitor to the clock source, as shown in
Figure 31.
Figure 30. Clock Input Circuit
Figure 31. Single-Ended Clock
Copyright © 2010–2014, Texas Instruments Incorporated
33
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com