Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541IPAP
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5541IPAP Datasheet HTML 12Page - Texas Instruments ADS5541IPAP Datasheet HTML 13Page - Texas Instruments ADS5541IPAP Datasheet HTML 14Page - Texas Instruments ADS5541IPAP Datasheet HTML 15Page - Texas Instruments ADS5541IPAP Datasheet HTML 16Page - Texas Instruments ADS5541IPAP Datasheet HTML 17Page - Texas Instruments ADS5541IPAP Datasheet HTML 18Page - Texas Instruments ADS5541IPAP Datasheet HTML 19Page - Texas Instruments ADS5541IPAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
www.ti.com
Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
2048
4096
6144
8192 10240 12288 14336 16384
fIN = 10 MHz
AIN = −0.5 dBFS
Code
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0
2048
4096
6144
8192 10240 12288 14336 16384
fIN = 10 MHz
AIN = −0.5 dBFS
Input Frequency (MHz)
60
65
70
75
80
85
90
95
0
50
100
150
200
250
300
Input Frequency (MHz)
65
66
67
68
69
70
71
72
73
74
75
0
50
100
150
200
250
300
Analog Supply Voltage (V)
70
72
74
76
78
80
82
84
86
88
90
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 70 MHz
SFDR
SNR
Analog Supply Voltage (V)
70
71
72
73
74
75
76
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 150 MHz
SFDR
SNR
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, AVDD = DRVDD = 3.3V, sampling rate = 105MSPS, 50% clock duty cycle, DLL On, 3VPP differential clock, and
–1dBFS differential input, unless otherwise noted.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
Figure 17.
Figure 18.
SPURIOUS-FREE DYNAMIC RANGE vs
SIGNAL-TO-NOISE RATIO vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 19.
Figure 20.
AC PERFORMANCE vs ANALOG SUPPLY VOLTAGE
AC PERFORMANCE vs ANALOG SUPPLY VOLTAGE
Figure 21.
Figure 22.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com