Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541IPAP
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAP Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5541IPAP Datasheet HTML 19Page - Texas Instruments ADS5541IPAP Datasheet HTML 20Page - Texas Instruments ADS5541IPAP Datasheet HTML 21Page - Texas Instruments ADS5541IPAP Datasheet HTML 22Page - Texas Instruments ADS5541IPAP Datasheet HTML 23Page - Texas Instruments ADS5541IPAP Datasheet HTML 24Page - Texas Instruments ADS5541IPAP Datasheet HTML 25Page - Texas Instruments ADS5541IPAP Datasheet HTML 26Page - Texas Instruments ADS5541IPAP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
www.ti.com
R
IN
R
IN
C
IN
0.1
µF
R
T
100
Ω
0.1
µF
1000pF
1:1
R
S
100
Ω
OPA695
R
1
400
Ω
A
V = 8V/V
(18dB)
R
2
57.5
Ω
V
IN
INP
INM
CM
−5V
+5V
10
Ω
ADS5541
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
When it is necessary to buffer or apply a gain to the
Figure 41 illustrates how RIN and CIN can be placed
incoming analog signal, it is possible to combine
to isolate the signal source from the switching inputs
single-ended operational amplifiers with an RF
of the ADC and to implement a low-pass RC filter to
transformer, or to use a differential input/output
limit the input noise in the ADC. It is recommended
amplifier without a transformer, to drive the input of
that these components be included in the ADS5541
the ADS5541. Texas Instruments offers a wide
circuit layout when any of the amplifier circuits
selection
of
single-ended
operational
amplifiers
discussed previously are used. The components
(including the THS3201, THS3202, OPA847, and
allow fine-tuning of the circuit performance. Any
OPA695) that can be selected depending on the
mismatch between the differential lines of the
application. An RF gain block amplifier, such as
ADS5541
input
produces
a
degradation
in
Texas Instruments THS9001, can also be used with
performance
at
high
input
frequencies,
mainly
an
RF
transformer
for
high
input
frequency
characterized by an increase in the even-order
applications. The THS4503 is a recommended
harmonics. In this case, special care should be taken
differential input/output amplifier. Table 4 lists the
to keep as much electrical symmetry as possible
recommended amplifiers.
between both inputs.
When
using
single-ended
operational
amplifiers
Another possible configuration for lower-frequency
(such as the THS3201, THS3202, OPA847, or
signals
is
the
use
of
differential
input/output
OPA695) to provide gain, a three-amplifier circuit is
amplifiers that can simplify the driver circuit for
recommended with one amplifier driving the primary
applications
requiring
dc-coupling
of
the
input.
of an RF transformer and one amplifier in each of the
Flexible in their configurations (see Figure 42), such
legs of the secondary driving the two differential
amplifiers can be used for single-ended-to-differential
inputs of the ADS5520. These three amplifier circuits
conversion signal amplification.
minimize even-order harmonics. For high frequency
inputs, an RF gain block amplifier can be used to
drive a transformer primary; in this case, the
transformer secondary connections can drive the
input
of
the
ADS5541
directly,
as
shown
in
Figure 40, or with the addition of the filter circuit
shown in Figure 41.
Table 4. Recommended Amplifiers to Drive the Input of the ADS5520
INPUT SIGNAL FREQUENCY
RECOMMENDED AMPLIFIER
TYPE OF AMPLIFIER
USE WITH TRANSFORMER
DC to 20MHz
THS4503
Differential In/Out Amp
No
DC to 50MHz
OPA847
Operational Amp
Yes
OPA695
Operational Amp
Yes
10MHz to 120MHz
THS3201
Operational Amp
Yes
THS3202
Operational Amp
Yes
Over 100MHz
THS9001
RF Gain Block
Yes
Figure 41. Converting a Single-Ended Input Signal to a Differential Signal Using an RF Transformer
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com