Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541IPAP
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5541IPAP Datasheet HTML 14Page - Texas Instruments ADS5541IPAP Datasheet HTML 15Page - Texas Instruments ADS5541IPAP Datasheet HTML 16Page - Texas Instruments ADS5541IPAP Datasheet HTML 17Page - Texas Instruments ADS5541IPAP Datasheet HTML 18Page - Texas Instruments ADS5541IPAP Datasheet HTML 19Page - Texas Instruments ADS5541IPAP Datasheet HTML 20Page - Texas Instruments ADS5541IPAP Datasheet HTML 21Page - Texas Instruments ADS5541IPAP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
www.ti.com
Input Amplitude (dBFS)
−30
−20
−10
0
10
20
30
40
50
60
70
80
90
100
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
fIN = 150MHz
SNR (dBc)
SFDR (dBc)
SNR (dBFS)
Input Amplitude (dBFS)
−30
−20
−10
0
10
20
30
40
50
60
70
80
90
100
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
fIN = 220MHz
SNR (dBc)
SFDR (dBc)
SNR (dBFS)
0
5
10
15
20
25
30
35
40
45
8195 8196 8197 8198 8199 8200 8201 8201 8203
Code
39.24
Differential Clock Amplitude (V)
65
70
75
80
85
90
95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
fIN = 70MHz
SNR
SFDR
Frequency (MHz)
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
35
40
45
50
Clock Duty Cycle (%)
65
70
75
80
85
90
95
40
45
50
55
60
fIN = 20MHz
SNR
SFDR
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, AVDD = DRVDD = 3.3V, sampling rate = 105MSPS, 50% clock duty cycle, DLL On, 3VPP differential clock, and
–1dBFS differential input, unless otherwise noted.
AC PERFORMANCE vs INPUT AMPLITUDE
AC PERFORMANCE vs INPUT AMPLITUDE
Figure 29.
Figure 30.
AC PERFORMANCE vs DIFFERENTIAL CLOCK
OUTPUT NOISE HISTOGRAM
AMPLITUDE
Figure 31.
Figure 32.
WCDMA CARRIER
AC PERFORMANCE vs CLOCK DUTY CYCLE
Figure 33.
Figure 34.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com