Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541IPAP
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAP Datasheet(HTML) 5 Page - Texas Instruments

  ADS5541IPAP Datasheet HTML 1Page - Texas Instruments ADS5541IPAP Datasheet HTML 2Page - Texas Instruments ADS5541IPAP Datasheet HTML 3Page - Texas Instruments ADS5541IPAP Datasheet HTML 4Page - Texas Instruments ADS5541IPAP Datasheet HTML 5Page - Texas Instruments ADS5541IPAP Datasheet HTML 6Page - Texas Instruments ADS5541IPAP Datasheet HTML 7Page - Texas Instruments ADS5541IPAP Datasheet HTML 8Page - Texas Instruments ADS5541IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, min and max specified over the full temperature range of –40°C to +85°C, AVDD = DRVDD = 3.3V, sampling rate = 105MSPS,
50% clock duty cycle, DLL On, 3VPP differential clock, and –1dBFS differential input, unless otherwise noted.
ADS5541
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic AC Characteristics (continued)
f = 10.1MHz, 15.1MHz (–7dBFS each tone)
94
Two-tone intermodulation distortion, IMD
f = 50.1MHz, 55.1MHz (–7dBFS each tone)
96
dBFS
f = 150.1MHz, 155.1MHz (–7dBFS each tone)
84.7
Power Supply
Total supply current, ICC
fIN = 55MHz
224
250
mA
Analog supply current, IAVDD
fIN = 55MHz
173
185
mA
Output buffer supply current, IDRVDD
fIN = 55MHz
51
65
mA
Analog only
571
611
Power dissipation
mW
Output buffer power with 10pF load
168
215
on digital output to ground
Standby power
With Clocks running
180
250
mW
Valid over full temperature range of T
MIN = –40°C to TMAX = +85°C, and AVDD = DRVDD = 3.3V, unless otherwise noted.
ADS5541
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
VIH
High-level input voltage
2.4
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
10
µA
IIL
Low-level input current
10
µA
Input current for RESET
–20
µA
Input capacitance
4
pF
Digital Outputs
VOL
Low-level output voltage
CLOAD = 10pF
0.3
0.4
V
VOH
High-level output voltage
CLOAD = 10pF
2.8
3
V
Output capacitance
3
pF
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com