Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541IPAP
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5541IPAP Datasheet HTML 7Page - Texas Instruments ADS5541IPAP Datasheet HTML 8Page - Texas Instruments ADS5541IPAP Datasheet HTML 9Page - Texas Instruments ADS5541IPAP Datasheet HTML 10Page - Texas Instruments ADS5541IPAP Datasheet HTML 11Page - Texas Instruments ADS5541IPAP Datasheet HTML 12Page - Texas Instruments ADS5541IPAP Datasheet HTML 13Page - Texas Instruments ADS5541IPAP Datasheet HTML 14Page - Texas Instruments ADS5541IPAP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
www.ti.com
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
PIN CONFIGURATION (continued)
PIN ASSIGNMENTS(1)
TERMINAL
NO. OF
NAME
NO.
PINS
I/O
DESCRIPTION
AVDD
5, 7, 9, 15, 22, 24, 26, 28, 33, 34, 37, 39
12
I
Analog power supply
6, 8, 12–14, 16, 18, 21, 23, 25, 27, 32,
AGND
14
I
Analog ground (PowerPAD must be connected to analog ground).
36, 38
DRVDD
49, 58
2
I
Output driver power supply
DRGND
1, 42, 48, 50, 57, 59
6
I
Output driver ground
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
Reference voltage (positive); 1
µF capacitor in series with a 1Ω
REFP
29
1
O
resistor to GND.
Reference voltage (negative); 1
µF capacitor in series with a 1Ω
REFM
30
1
O
resistor to GND.
IREF
31
1
I
Current set; 56k
Ω resistor to GND; do not connect capacitors.
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high); Internal 200k
Ω resistor to AV
DD.
(2)
OE
41
1
I
Output enable (active high)(3)
DFS
40
1
I
Data format and clock out polarity select(4)(3)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select(3)
SDATA
3
1
I
Serial interface data(3)
SCLK
2
1
I
Serial interface clock(3)
D0 (LSB)–D13 (MSB)
44–47, 51–56, 60–63
12
O
Parallel data output
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
(1)
PowerPAD is connected to analog ground.
(2)
If RESET pin is unused, it must be tied to AGND and serial interface should be used to reset the device. See the serial programming
interface section for details.
(3)
Pins OE, DFS, SEN, SDATA, and SCLK have internal clamping diodes to the DRVDD supply. Any external circuit driving these pins must
also run off the same supply voltage as DRVDD.
(4)
Table 3 defines the voltage levels for each mode selectable via the DFS pin.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com