Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5541IPAP
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAP Datasheet(HTML) 4 Page - Texas Instruments

  ADS5541IPAP Datasheet HTML 1Page - Texas Instruments ADS5541IPAP Datasheet HTML 2Page - Texas Instruments ADS5541IPAP Datasheet HTML 3Page - Texas Instruments ADS5541IPAP Datasheet HTML 4Page - Texas Instruments ADS5541IPAP Datasheet HTML 5Page - Texas Instruments ADS5541IPAP Datasheet HTML 6Page - Texas Instruments ADS5541IPAP Datasheet HTML 7Page - Texas Instruments ADS5541IPAP Datasheet HTML 8Page - Texas Instruments ADS5541IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
www.ti.com
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, min and max specified over the full temperature range of –40°C to +85°C, AVDD = DRVDD = 3.3V, sampling rate = 105MSPS,
50% clock duty cycle, DLL On, 3VPP differential clock, and –1dBFS differential input, unless otherwise noted.
ADS5541
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic AC Characteristics
fIN = 10MHz
73.6
+25°C to +85°C
71.7
72.7
fIN = 55MHz
Full temperature range
70.5
71.9
Signal-to-noise ratio. SNR
fIN = 70MHz
72.5
dBFS
fIN = 100MHz
72
fIN = 150MHz
71
fIN = 220MHz
69
RMS idle channel noise
Input tied to common-mode
1.03
LSB
fIN = 10MHz
84
+25°C
78.3
86
fIN = 55MHz
Full temperature range
76.3
85
Spurious-free dynamic range, SFDR
fIN = 70MHz
82
dBc
fIN = 100MHz
86
fIN = 150MHz
75
fIN = 220MHz
72
fIN = 10MHz
90
+25°C
78.3
86
fIN = 55MHz
Full temperature range
76.3
85
Second-harmonic, HD2
fIN = 70MHz
82
dBc
fIN = 100MHz
88
fIN = 150MHz
75
fIN = 220MHz
72
fIN = 10MHz
84
+25°C
78.3
89
fIN = 55MHz
Full temperature range
76.3
88
Third-harmonic, HD3
fIN = 70MHz
82
dBc
fIN = 100MHz
86
fIN = 150MHz
80
fIN = 220MHz
78
Worst-harmonic/spur (other than HD2 and HD3)
fIN = 55MHz
87
dBc
fIN = 10MHz
72.6
+25°C
70.7
72
fIN = 55MHz
Full temperature range
69.5
71
Signal-to-noise + distortion, SINAD
fIN = 70MHz
71.8
dBFS
fIN = 100MHz
71.2
fIN = 150MHz
70
fIN = 220MHz
67
fIN = 10MHz
80
+25°C
76.5
83
fIN = 55MHz
Full temperature range
74.5
82
Total harmonic distortion, THD
fIN = 70MHz
79
dBc
fIN = 100MHz
84
fIN = 150MHz
74
fIN = 220MHz
70.5
Effective number of bits, ENOB
fIN = 55MHz
11.7
Bits
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com