Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83840A Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 35Page - National Semiconductor (TI) DP83840A Datasheet HTML 36Page - National Semiconductor (TI) DP83840A Datasheet HTML 37Page - National Semiconductor (TI) DP83840A Datasheet HTML 38Page - National Semiconductor (TI) DP83840A Datasheet HTML 39Page - National Semiconductor (TI) DP83840A Datasheet HTML 40Page - National Semiconductor (TI) DP83840A Datasheet HTML 41Page - National Semiconductor (TI) DP83840A Datasheet HTML 42Page - National Semiconductor (TI) DP83840A Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
3.0 Functional Description (Continued)
39
National Semiconductor
Version A
3.9.6 Auto-Negotiation Complete Time
This section describes the amount of time required to
complete an Auto-Negotiation cycle for the 840A. These
times are defined for two cases. The first case assumes
that the far end link partner does not support Auto-
Negotiation
and
is
either
a
fixed
10M
or
100M
implementation.
Timer
Min spec
Max spec
840A
break link
1200ms
1500ms
1300ms
autoneg wait
500ms
1000ms
750ms
link fail inhibit
750ms
1000ms
800ms
------------------------------------------------------------------------------
Total
1700-2450ms
2500-3500ms
2050-2850ms
The second case assumes that the far end link partner fully
supports Auto-Negotiation:
Timer
Min spec
Max spec
840A
break link
1200ms
1500ms
1300ms
FLP bursts
104ms
312ms
200ms
link fail inhibit
750ms
1000ms
800ms
------------------------------------------------------------------------------
Total
1304-2054ms
1812-2812ms
1500-2300ms
Refer to chapter 28 of the IEEE 802.3u standard for a full
description of the individual timers related to Auto-
Negotiation.
3.10 RESET OPERATION
The DP83840A can be reset either by hardware or
software. A hardware reset may be accomplished either by
asserting the RESET pin (pin 44) during normal operation,
or upon powering up the device. A software reset is
accomplished by setting the reset bit in the Basic Mode
Control Register (bit 15, address 00h).
While either the hardware or software reset can be
implemented
at
any
time
after
device
initialization,
providing a hardware reset, as described in section
3.10.1, must be implemented upon device power-up/
initialization. Omitting the hardware reset operation
during the device power-up/initialization sequence can
result in improper device operation.
3.10.1 Power-up / Reset
When VCC is first applied to the DP83840A it takes some
amount of time for power to actually reach the nominal 5V
potential. This initial power-up time can be referred to as a
VCC ramp when VCC is “ramping” from 0V to 5V. When the
initial VCC ramp reaches approximately 4V, the DP83840A
begins an internal reset operation which must be allowed
sufficient time, relative to the assertion and deassertion of
the RESET pin, to reset the device. There are two methods
for guaranteeing successful reset upon device power-up.
The first method accounts for those designs that utilize a
special power up circuit which, through hardware, will
assert the RESET pin upon power-up. In this case, the
deassertion (falling edge) of the RESET pin must not occur
until at least 500
µs after the time at which the V
CC ramp
initially reached the 4V point.
The second method accounts for those applications which
produce a reset pulse sometime after the initial power-up
of the device. In this case, it is recommended that a
positive pulse, with a duration of at least 1
µs, be applied to
the RESET pin no sooner than 500
µs after the point in time
where the initial VCC ramp reached 4V.
In both methods described above, it is important to note
that the logic levels present at each of the hardware
configuration pins of the DP83840A (see list below) are
also latched into the device as a function of the reset
operation (either hardware or software). These hardware
configuration values are guaranteed to be latched into the
DP83840A 2
µs after the deassertion of the RESET pin.
The hardware configuration values latched into the
DP83840A during the reset operation are dependent on
the logic levels present at the following device pins upon
power-up:
During the power-up reset operation the LED1 through
LED5 pins are undefined, the SPEED_10 pin will be
asserted, and the SPEED_100 pin will be deasserted.
3.10.2 Hardware Reset
A hardware Reset is accomplished by applying a positive
pulse, with a duration of at least 1
µs, to the RESET pin of
the DP83840A during normal operation. This will reset the
device such that all registers will be reset to default values
and the hardware configuration values will be re-latched
into the device (similar to the power-up reset operation).
3.10.3 Software Reset
A software reset is accomplished by setting bit 15 of the
Basic Mode Control Register (address 00h). This bit is self
clearing and, when set, will return a value of “1” until the
software reset operation has completed. The software
reset will reset the device such that all registers will be
reset to default values and the hardware configuration
values will be re-latched into the device (similar to the
power-up reset operation). Driver code should wait 500
µs
following a software reset before allowing further serial MII
operations with the DP83840A.
Pin #
Primary Function
Latched in at Reset
49
LBEN
PHYAD[0]
53
ENCSEL
PHYAD[1]
66
CRS
PHYAD[2]
89
PHYAD[3]
PHYAD[3]
63
RX_ER
PHYAD[4]
95
AN0
AN0
46
AN1
AN1
47
REPEATER
REPEATER
98
10BTSER
10BTSER
99
BPALIGN
BPALIGN
100
BP4B5B
BP4B5B
1
BPSCR
BPSCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com