Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83840A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83840A Datasheet HTML 1Page - National Semiconductor (TI) DP83840A Datasheet HTML 2Page - National Semiconductor (TI) DP83840A Datasheet HTML 3Page - National Semiconductor (TI) DP83840A Datasheet HTML 4Page - National Semiconductor (TI) DP83840A Datasheet HTML 5Page - National Semiconductor (TI) DP83840A Datasheet HTML 6Page - National Semiconductor (TI) DP83840A Datasheet HTML 7Page - National Semiconductor (TI) DP83840A Datasheet HTML 8Page - National Semiconductor (TI) DP83840A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
1
National Semiconductor
Version A
March 1997
General Description
The DP83840A is a Physical Layer device for Ethernet
10BASE-T and 100BASE-X using category 5 Unshielded,
Type 1 Shielded and Fiber Optic cables.
This VLSI device is designed for easy implementation of
10/100 Mb/s Ethernet LANs. It interfaces to the PMD sub-
layer through National Semiconductor's DP83223 Twisted
Pair Transceiver, and to the MAC layer through a Media
Independent
Interface
(MII),
ensuring
interoperability
between products from different vendors.
The DP83840A is designed with National Semiconductor's
BiCMOS process. Its system architecture is based on the
integration of several of National Semiconductor's industry
proven core technologies:
10BASE-T ENDEC/Transceiver module to provide the 10
Mb/s IEEE 802.3 functions
Clock Recovery/Generator Modules from National
Semiconductor's leading FDDI product
FDDI Stream Cipher (Cyclone)
100BASE-X physical coding sub-layer (PCS) and control
logic that integrate the core modules into a dual speed
Ethernet physical layer controller
System Diagram
Features
•
IEEE 802.3 10BASE-T compatible--ENDEC and UTP/
STP transceivers and filters built-in
• IEEE 802.3u 100BASE-X compatible--support for 2 pair
Category 5 UTP (100m), Type 1 STP and Fiber Optic
Transceivers--Connects directly to the DP83223 Twisted
Pair Transceiver
• ANSI X3T12 TP-PMD compatible
•
IEEE 802.3u Auto-Negotiation for automatic speed
selection
• IEEE 802.3u compatible Media Independent Interface
(MII) with Serial Management Interface
• Integrated high performance 100 Mb/s clock recovery
circuitry requiring no external filters
• Full Duplex support for 10 and 100 Mb/s
•
MII Serial 10 Mb/s output mode
• Fully configurable node and repeater modes--allows
operation in either application
• Programmable loopback modes for easy system
diagnostics
• Flexible LED support
• IEEE 1149.1 Standard Test Access Port and Boundary-
Scan compatible
•
Small footprint 100-pin PQFP package
• Individualized scrambler seed for multi-PHY applications
DP83840A
10/100 Mb/s Ethernet Physical Layer
10 AND/OR 100 Mb/s
ETHERNET MAC OR
REPEATER/SWITCH
PORT
DP83840A
10/100 Mb/s
ETHERNET PHYSICAL LAYER
CLOCKS
STATUS
LEDS
DP83223
100BASE-TX
TRANSCEIVER
RJ-45
10BASE-T
OR
100BASE-TX
MII
10BASE-T
100BASE-FX
TRANSCEIVER


Similar Part No. - DP83840A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
10/100 Mb/s Ethernet Physical Layer
More results

Similar Description - DP83840A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83924BVCE NSC-DP83924BVCE Datasheet
447Kb / 42P
Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C_07 Datasheet
2Mb / 82P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83924B TI1-DP83924B Datasheet
435Kb / 44P
DP83924B Quad 10 Mb/s Ethernet Physical Layer - 4TPHY
DP83848C TI-DP83848C Datasheet
711Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848CVV TI1-DP83848CVV Datasheet
722Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
10/100 Mb/s Ethernet Physical Layer
DP83848CVVX TI1-DP83848CVVX Datasheet
617Kb / 86P
Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com