Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83840A Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 4Page - National Semiconductor (TI) DP83840A Datasheet HTML 5Page - National Semiconductor (TI) DP83840A Datasheet HTML 6Page - National Semiconductor (TI) DP83840A Datasheet HTML 7Page - National Semiconductor (TI) DP83840A Datasheet HTML 8Page - National Semiconductor (TI) DP83840A Datasheet HTML 9Page - National Semiconductor (TI) DP83840A Datasheet HTML 10Page - National Semiconductor (TI) DP83840A Datasheet HTML 11Page - National Semiconductor (TI) DP83840A Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
2.0 Pin Description (Continued)
8
National Semiconductor
Version A
2.4 CLOCK INTERFACE
Signal Name
Type
Pin #
Description
REFIN
I
86
REFERENCE INPUT: 25 MHz TTL reference clock input. This clock can be
supplied from an external oscillator module or from the CLK25M output (pin 81).
CLK25M
O, Z
81
25 MHz CLOCK OUTPUT: Derived from the 50 MHz OSCIN input. When not in
use, this clock output may be shut off through software by setting bit 7 of the PCS
Configuration Register at address 17h. This output remains unaffected by
hardware and software reset.
OSCIN
I
2
OSCILLATOR INPUT: 50 MHz 50 ppm external TTL oscillator input. If not used,
pull down to GND (4.7 k
Ω pull down resistor suggested).
X2
O
34
CRYSTAL
OSCILLATOR
OUTPUT:
External
20
MHz
0.005%
crystal
connection. Used for 10BASE-T timing. When using an external 20 MHz oscillator
connected to X1 or with no reference to X1, leave this pin unconnected.
X1
I
33
CRYSTAL OSCILLATOR INPUT: External 20 MHz 0.005% crystal connection.
Used for 10BASE-T timing and Auto-Negotiation. If not used, this pin should be
pulled up to VCC. (4.7 kΩ pull up resistor suggested). When pulled high, the
DP83840A detects this condition, enables the internal 2.5 divider, and switches
the 10 Mb/s and Auto-Negotiation circuitry to the internally derived 20 MHz clock.
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com