Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83840A Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 9Page - National Semiconductor (TI) DP83840A Datasheet HTML 10Page - National Semiconductor (TI) DP83840A Datasheet HTML 11Page - National Semiconductor (TI) DP83840A Datasheet HTML 12Page - National Semiconductor (TI) DP83840A Datasheet HTML 13Page - National Semiconductor (TI) DP83840A Datasheet HTML 14Page - National Semiconductor (TI) DP83840A Datasheet HTML 15Page - National Semiconductor (TI) DP83840A Datasheet HTML 16Page - National Semiconductor (TI) DP83840A Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
2.0 Pin Description (Continued)
13
National Semiconductor
Version A
2.8 PHY ADDRESS INTERFACE
The DP83840A PHYAD[4:0] inputs provide up to 32 unique PHY address options. An address selection of all zeros
(00000) will result in a PHY isolation condition. See the Isolate bit description in the BMCR, address 00h, Section 4.2
for further detail.
Signal Name
Type
Pin #
Description
PHYAD[0]
(LBEN)
I/O, J
49
PHY ADDRESS [0]: PHY address sensing pin (bit 0) for multiple PHY
applications. PHY address sensing is achieved by strapping a pull-up/pull-down
resistor (typically 4.7 k
Ω) to this pin as required.
The pull-up/pull-down status of this pin is latched into the PHYAD address register
(address 19h) during power up/reset.
This pin is also the Loopback Enable output pin (LBEN) for the 100 Mb/s Serial
PMD Interface. See Section 2.2 for further detail.
PHYAD[1]
(ENCSEL)
I/O, J
53
PHY ADDRESS [1]: PHY address sensing pin (bit 1) for multiple PHY
applications. PHY address sensing is achieved by strapping a pull-up/pull-down
resistor (typically 4.7 k
Ω) to this pin as required.
The pull-up/pull-down status of this pin is latched into the PHYAD address register
(address 19h) during power up/reset.
This pin is also the Encode Select output pin (ENCSEL) for the 100 Mb/s Serial
PMD Interface. See Section 2.2 for further detail.
PHYAD[2]
(CRS)
I/O, Z, J
66
PHY ADDRESS [2]: PHY address sensing pin (bit 2) for multiple PHY
applications. PHY address sensing is achieved by strapping a pull-up/pull-down
resistor (typically 4.7 k
Ω) to this pin as required.
The pull-up/pull-down status of this pin is latched into the PHYAD address register
(address 19h) during power up/reset.
This pin is also the Carrier Sense output pin (CRS) for the MII Interface. See
Section 2.1 for further detail.
PHYAD[3]
(SPEED_100)
I/O, J
89
PHY ADDRESS [3]: PHY address sensing pin (bit 3) for multiple PHY
applications. PHY address sensing is achieved by strapping a pull-up/pull-down
resistor (typically 4.7 k
Ω) to this pin as required.
The pull-up/pull-down status of this pin is latched into the PHYAD address register
(address 19h) during power up/reset.
This pin is also the Speed 100 Mb/s output pin (SPEED_100) for optional control
of peripheral circuitry. See Section 2.2 for further detail.
PHYAD[4]
(RX_ER)
I/O, Z, J
63
PHY ADDRESS [4]: PHY address sensing pin (bit 4) for multiple PHY
applications. PHY address sensing is achieved by strapping a pull-up/pull-down
resistor (typically 4.7 k
Ω) to this pin as required.
The pull-up/pull-down status of this pin is latched into the PHYAD address register
(address 19h) during power up/reset.
This pin is also the Receive Error output pin (RX_ER) for the MII Interface. See
Section 2.1 for further detail.
2.9 MISCELLANEOUS
Signal Name
Type
Pin #
Description
RESET
I, J
44
RESET: Active high input that initializes or reinitializes the DP83840A. See
section 3.10 for further detail.
LOWPWR
I, J
3
LOW POWER MODE SELECT: Active high input that enables the low power
mode (100 Mb/s operation only). See section 3.13 for further detail.
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com