Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83840A Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 67Page - National Semiconductor (TI) DP83840A Datasheet HTML 68Page - National Semiconductor (TI) DP83840A Datasheet HTML 69Page - National Semiconductor (TI) DP83840A Datasheet HTML 70Page - National Semiconductor (TI) DP83840A Datasheet HTML 71Page - National Semiconductor (TI) DP83840A Datasheet HTML 72Page - National Semiconductor (TI) DP83840A Datasheet HTML 73Page - National Semiconductor (TI) DP83840A Datasheet HTML 74Page - National Semiconductor (TI) DP83840A Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
8.0 Electrical Specifications (Continued)
71
Version A
IIL
I
I/O
I/O, Z
(excluding RXI+/-
and RD+/-)
Input Low
Current
VIN = GND
10
µA
X1 Input
X2 = N.C.
100
µA
TMS, TDI, TRST
Inputs
1mA
VOL
O, Z
I/O
I/O, Z
Output Low
Voltage
IOL = 4 mA
0.4
V
VOH
O, Z
I/O
I/O, Z
Output High
Voltage
IOL = -4 mA
VCC -
0.5
V
TX_CLK Pin
VCC -
1.5
V
IOZ1
I/O, Z
O, Z
TRI-STATE
Leakage
VOUT = VCC
10
µA
IOZ2
I/O, Z
O, Z
TRI-STATE
Leakage
VOUT = GND
-10
µA
ROL
TXU+/-
TXS+/-
Low Level
Output
Impedance
5
Ω
ROH
TXU+/-
TXS+/-
High Level
Output
Impedance
5
Ω
VOD
TXU+/-
TXS+/-
Differential
Output Voltage
Open Circuit
+/-2.5
V
CIN1
I
CMOS Input
Capacitance
8pF
CIN2
I
ECL Input
Capacitance
5pF
COUT1
O
Z
CMOS Output
Capacitance
10
pF
COUT2
O
Z
ECL Output
Capacitance
5pF
VTH1
RXI+/-
10BASE-T
Receive
Threshold
300
585
mV
VTH2
RXI+/-
10BASE-T
Receive Low
Squelch
Threshold
175
300
mV
VDIFF
I (ECL)
Input Voltage
Differential
Both inputs tested
together
150
mV
VCM
I (ECL)
Common Mode
Voltage
Both Inputs Tested
Together, VDIFF = 300
mV
VCC -
2.0
VCC -
0.5
mV
8.2 DC Specifications
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com