Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83840A Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 45Page - National Semiconductor (TI) DP83840A Datasheet HTML 46Page - National Semiconductor (TI) DP83840A Datasheet HTML 47Page - National Semiconductor (TI) DP83840A Datasheet HTML 48Page - National Semiconductor (TI) DP83840A Datasheet HTML 49Page - National Semiconductor (TI) DP83840A Datasheet HTML 50Page - National Semiconductor (TI) DP83840A Datasheet HTML 51Page - National Semiconductor (TI) DP83840A Datasheet HTML 52Page - National Semiconductor (TI) DP83840A Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
4.0 Registers (Continued)
49
National Semiconductor
Version A
4.8 AUTO-NEGOTIATION EXPANSION REGISTER (ANER)
Address 06h
4.9 DISCONNECT COUNTER REGISTER (DCR)
Address 12h
4.10 FALSE CARRIER SENSE COUNTER REGISTER (FCSCR)
Address 13h
Bit
Bit Name
Default
Description
15:5
Reserved
0, RO
RESERVED: Always 0.
4
MLF
0, RO/L
MULTIPLE LINK FAULT:
1 = Multiple Link Fault--indicates that it was not possible to resolve the
connection because the 10BASE-T Link Integrity Test function and/
or the 100BASE-X Link Integrity Monitor indicated a valid link yet
both or neither of these functions maintained a valid link according to
Auto-Negotiation specification. This bit generally indicates that the
receive channel is improperly functioning or improperly connected.
0 = No Multiple Link Fault
3
LP_NP_ABLE
0, RO
LINK PARTNER NEXT PAGE ABLE: Status indicating if the Link
Partner supports Next Page negotiation. A one indicates that the Link
Partner supports Next Page.
2
NP_ABLE
0, RO/P
NEXT PAGE ABLE: Indicates if this node is able to send additional
“Next Pages”. The DP83840A is not Next Page Able, so this bit is always
zero.
1
PAGE_RX
0, RO
LINK CODE WORD PAGE RECEIVED: This bit is set when a new Link
Code Word Page has been received. This bit is automatically cleared
when the Auto-Negotiation Link Partner Ability Register (ANLPAR
register 05h) is read by management.
0
LP_AN_ABLE
0, RO
LINK PARTNER AUTO-NEGOTIATION ABLE: A one in this bit
indicates that the Link Partner supports Auto-Negotiation.
Bit
Bit Name
Default
Description
15:0
DCNT[15:0]
<0000h>, RW/SC DISCONNECT COUNTER: This 16-bit counter increments for each
disconnect event. Each time this DP83840A and its Link Partner are
disconnected from each other, the counter increments. This counter
automatically rolls over to 0000h.
Bit
Bit Name
Default
Description
15:0
FCSCNT[15:0]
<0000h>, RW/SC FALSE CARRIER EVENT COUNTER: This 16-bit counter increments
for each false carrier event, that is, when carrier sense is asserted
without J/K symbol detection. This counter freezes when full (at FFFFh).
This counter represents the total number of false carrier events since
the last management read. The Carrier Integrity Monitor uses its own
counter to qualify whether the link is unstable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com