Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 17Page - Texas Instruments DAC7750IPWPR Datasheet HTML 18Page - Texas Instruments DAC7750IPWPR Datasheet HTML 19Page - Texas Instruments DAC7750IPWPR Datasheet HTML 20Page - Texas Instruments DAC7750IPWPR Datasheet HTML 21Page - Texas Instruments DAC7750IPWPR Datasheet HTML 22Page - Texas Instruments DAC7750IPWPR Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
+
12-/16-BitBa_
DACBa_
RSET
R2
T1
A1
+
T2
A2
R3
í
í
IOUT
BOOST
AVDD
R3-SENSE
To Current Output
21
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 DAC Architecture
The resistor-string section is simply a string of resistors, each with the same value, from REFIN to GND, as
Figure 52 illustrates. This type of architecture makes sure the DAC is monotonic. The 16-bit (DAC8750) or 12-bit
(DAC7750) binary digital code loaded to the DAC register determines at which node on the string the voltage is
tapped off before it is fed into the voltage-to-current conversion stage. The current-output stage converts the
voltage output from the string to current. When the output is disabled, it is in a high-impedance (Hi-Z) state. After
power-on, the output is disabled.
Figure 52. DAC Structure: Resistor String
8.3.2 Current Output Stage
The current output stage consists of a preconditioner and a current source, as illustrated in Figure 53. This stage
provides a current output according to the DAC code. The output range can be programmed as 0 mA to 20 mA,
0 mA to 24 mA, or 4 mA to 20 mA. Use an external transistor to reduce the power dissipation of the device. The
maximum compliance voltage on IOUT equals (AVDD – 2 V). In single power-supply mode, the maximum AVDD
is 36 V, and the maximum compliance voltage is 34 V. After power on, the IOUT terminal is in a Hi-Z state.
Figure 53. Current Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com