Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 33Page - Texas Instruments DAC7750IPWPR Datasheet HTML 34Page - Texas Instruments DAC7750IPWPR Datasheet HTML 35Page - Texas Instruments DAC7750IPWPR Datasheet HTML 36Page - Texas Instruments DAC7750IPWPR Datasheet HTML 37Page - Texas Instruments DAC7750IPWPR Datasheet HTML 38Page - Texas Instruments DAC7750IPWPR Datasheet HTML 39Page - Texas Instruments DAC7750IPWPR Datasheet HTML 40Page - Texas Instruments DAC7750IPWPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
+
+
IOUT
15V
RA
RB
RSET
Q1
Q2
A1
A2
GND
AVDD
VREFIN/VREFOUT
GND
DIN
SCLK
CS
LDAC
15V
-15V
15V
-15V
5V
37
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 63. Generic Design for Typical PLC Current and Voltage Outputs
The current output circuit is comprised of amplifiers A1 and A2, MOSFETs Q1 and Q1, and the three resistors
RSET, RA, and RB. This two-stage current source enables the ground-referenced DAC output voltage to drive the
high-side amplifier required for the current-source.
The high-level of integration of the DACx750 family lends itself very well to the design of analog output modules,
offering simplicity of design and reducing solution size. The DACx750 integrates all of the components shown in
Figure 63 allowing a software configurable current output driver. Figure 62 illustrates an example circuit design
for such an application using the DACx750 for the current output driver.
The design uses two triple channel isolators (ISO7631FC) to provide galvanic isolation for the digital lines to
communicate to the main controller. Note that these isolators can be driven by the internally-generated supply
(DVDD) from the DACx750 to save components and cost. The DACx750 supplies up to 10 mA that meets the
supply requirements of the two isolators running at up to 10 Mbps. Note that additional cost savings are possible
if noncritical digital signals such as CLR and ALARM are tied to GND or left unconnected. Finally, a protection
scheme with transient voltage suppressors and other components is placed on all pins which connect to the field.
The protection circuitry is designed to provide immunity to the IEC61000-4 test suite which includes system-level
industrial transient tests. The protection circuit includes transient voltage suppressor (TVS) diodes, clamp-to-rail
steering diodes, and pass elements in the form of resistors and ferrite beads. For more detail about selecting
these components, refer to Single-Channel Industrial Voltage & Current Output Driver, Isolated, EMC/EMI Tested
Reference Design.
9.2.1.3 Application Curve
The current output circuit was measured in 0-mA to 24-mA mode using an 8.5 digit digital multi-meter to measure
the output while driving a 300-
Ω load at 25°C. The measured results are shown in Figure 64. The current output
remains within the data sheet specified performance.
The design was also exposed to IEC61000-4 electrostatic discharge, electrically fast transient, conducted
immunity, and radiated immunity tests on both the current and voltage outputs. During each of these tests a 6.5
digit digital multi-meter, set in fast 5.5 digit acquisition mode, was used to monitor the output. Complete data sets
for the voltage and current outputs during these tests are available in Single-Channel Industrial Voltage &
Current Output Driver, Isolated, EMC/EMI Tested Reference Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com