Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
R1
R2
RLOAD
C1
DACx750
BOOST
IOUT
GND
Copyright © 2016, Texas Instruments Incorporated
27
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Setting Current-Output Ranges
The current output range is set according to Table 5.
Table 5. RANGE Bits vs Output Range
RANGE
OUTPUT RANGE
101
4 mA to 20 mA
110
0 mA to 20 mA
111
0 mA to 24 mA
Note that changing the RANGE bits at any time causes the DAC data register to be cleared.
8.4.2 Current-Setting Resistor
Resistor RSET (used to convert the DAC voltage to current) shown in Figure 53 determines the stability of the
output current over temperature. If desired, an external, low-drift, precision 15-kΩ resistor can be connected to
the ISET-R terminal and used instead of the internal RSET resistor.
8.4.3 BOOST Configuration for IOUT
Figure 56 shows an external NPN transistor used to reduce power dissipation on the die. Most of the load current
flows through the NPN transistor with a small amount flowing through the on-chip PMOS transistor based on the
gain of the NPN transistor. This configuration reduces the temperature induced drift on the die and internal
reference and is an option for use cases at the extreme end of the supply, load current, and ambient temperature
ranges.
The inclusion of the bipolar junction transistor (BJT) adds an additional open loop gain to internal amplifier A2
(see Figure 53) and thus, can cause possible instability. Adding series emitter resistor R2 decreases the gain of
the stage created by the BJT and internal R3 resistor (see Figure 53) especially for cases where RLOAD is a short
or a very small load, such as a multimeter. Recommended values for R1, R2, and C1 in this circuit are 1 kΩ, 30 Ω
and 22 nF, respectively. An equivalent solution is to place R2 (with a recommended value of 3 kΩ instead of 30
Ω) in series with the base of the transistor instead of the configuration shown in Figure 56. Note that there is
some gain error introduced by this configuration, as seen in Figure 15, Figure 16 and Figure 17. Use the internal
transistor in most cases because the values in Electrical Characteristics are based on the configuration with the
internal on-chip PMOS transistor.
Figure 56. Boost Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com