Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 5Page - Texas Instruments DAC7750IPWPR Datasheet HTML 6Page - Texas Instruments DAC7750IPWPR Datasheet HTML 7Page - Texas Instruments DAC7750IPWPR Datasheet HTML 8Page - Texas Instruments DAC7750IPWPR Datasheet HTML 9Page - Texas Instruments DAC7750IPWPR Datasheet HTML 10Page - Texas Instruments DAC7750IPWPR Datasheet HTML 11Page - Texas Instruments DAC7750IPWPR Datasheet HTML 12Page - Texas Instruments DAC7750IPWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Specified by characterization, not production tested.
7.6 Electrical Characteristics: AC
At AVDD = 10 V to 36 V, GND = 0 V, REFIN= 5 V external and DVDD = 2.7 V to 5.5 V. For IOUT, RL = 300 Ω. All
specifications –40°C to 125°C (unless otherwise noted). Typical specifications are at 25°C.
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
Output current settling time
16-mA step, to 0.1% FSR, no L (inductance)
10
μs
16-mA step, to 0.1% FSR, L < 1 mH
25
μs
AC PSRR
200-mV, 50-Hz or 60-Hz sine wave superimposed
on power-supply voltage
–75
dB
(1)
Specified by design, not production tested.
(2)
Based on digital interface circuitry only. When writing to DAC control and configuration registers, consider the analog output
specifications in Electrical Characteristics: AC.
7.7 Timing Requirements: Write Mode
at TA = –40°C to 125°C and DVDD = 2.7 V to 5.5 V (unless otherwise noted)
(1)
MIN
MAX
UNIT
t1
SCLK cycle time
33
ns
t2
SCLK low time
13
ns
t3
SCLK high time
13
ns
t4
LATCH delay time
13
ns
t5
LATCH high time(2)
40
ns
t6
Data setup time
5
ns
t7
Data hold time
7
ns
t8
LATCH low time
40
ns
t9
CLR pulse duration
20
ns
t10
CLR activation time
5
µs
(1)
Specified by design, not production tested.
7.8 Timing Requirements: Readback Mode
at TA = –40°C to 125°C and DVDD = 2.7 V to 5.5 V (unless otherwise noted)
(1)
MIN
MAX
UNIT
t11
SCLK cycle time
60
ns
t12
SCLK low time
25
ns
t13
SCLK high time
25
ns
t14
LATCH delay time
13
ns
t15
LATCH high time
40
ns
t16
Data setup time
5
ns
t17
Data hold time
7
ns
t18
LATCH low time
40
ns
t19
Serial output delay time (CL, SDO = 15 pF)
35
ns
t20
LATCH rising edge to SDO 3-state (CL, SDO = 15 pF)
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com