Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 4 Page - Texas Instruments

  DAC7750IPWPR Datasheet HTML 1Page - Texas Instruments DAC7750IPWPR Datasheet HTML 2Page - Texas Instruments DAC7750IPWPR Datasheet HTML 3Page - Texas Instruments DAC7750IPWPR Datasheet HTML 4Page - Texas Instruments DAC7750IPWPR Datasheet HTML 5Page - Texas Instruments DAC7750IPWPR Datasheet HTML 6Page - Texas Instruments DAC7750IPWPR Datasheet HTML 7Page - Texas Instruments DAC7750IPWPR Datasheet HTML 8Page - Texas Instruments DAC7750IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
VQFN
HTSSOP
ALARM
2
3
Digital output
Alarm terminal. Open drain output. External pull-up resistor required
(10 kΩ). The terminal goes low (active) when the ALARM condition is
detected (open circuit/over temperature/timeout, and so forth).
AVDD
36
24
Supply input
Positive analog power supply.
BOOST
27
20
Analog output
Boost terminal. External transistor connection (optional).
CAP1
28
21
Analog input
Connection for output filtering capacitor (optional).
CAP2
29
22
Analog input
Connection for output filtering capacitor (optional).
CLR
5
6
Digital input
Clear input. Logic high on this terminal causes the part to enter CLEAR
state. Active high.
DIN
8
9
Digital input
Serial data input. Data are clocked into the 24-bit input shift register on the
rising edge of the serial clock input. Schmitt-Trigger logic input.
DVDD
39
2
Supply input
or output
Digital power supply. Can be input or output, depending on DVDD-EN
terminal.
DVDD-EN
23
16
Digital input
Internal power-supply enable terminal. Connect this terminal to GND to
disable the internal supply, or leave this terminal unconnected to enable the
internal supply. When this terminal is connected to GND, an external supply
must be connected to the DVDD terminal.
GND
12, 13, 14,
15, 37
1, 11, 12
Supply input
Ground reference point for all analog circuitry of the device.
GND
3, 4
4, 5
Supply input
Ground reference point for all digital circuitry of the device.
HART-IN
24
17
Analog input
Input terminal for HART modulation.
IOUT
26
19
Analog output
Current output terminal
ISET-R
16
13
Analog input
Connection terminal for external precision resistor (15 kΩ). See Detailed
Description of this data sheet.
LATCH
6
7
Digital input
Load DAC registers input. A rising edge on this terminal loads the input shift
register data into the DAC data and control registers and updates the DAC
output.
NC
1, 10, 11,
19, 20, 21,
22, 30, 31,
32, 33, 34,
35, 38, 40
23
—
No connection.
R3-SENSE
25
18
Analog output
This terminal is used as a monitoring feature for the output current. The
voltage measured between the R3-SENSE terminal and the BOOST
terminal is directly proportional to the output current.
REFOUT
17
14
Analog output
Internal reference output. Connects to REFIN when using internal
reference.
REFIN
18
15
Analog input
Reference input
SCLK
7
8
Digital input
Serial clock input of the SPI. Data can be transferred at rates up to 30 MHz.
Schmitt-Trigger logic input.
SDO
9
10
Digital output
Serial data output. Data are valid on the rising edge of SCLK.
Thermal Pad
—
—
Supply input
The thermal pad is internally connected to GND. It is recommended that the
pad be thermally connected to a copper plane for enhanced thermal
performance. The pad can be electrically connected to the same potential
as the GND terminal or left electrically unconnected provided a supply
connection is made at the GND terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com