Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  DAC7750IPWPR Datasheet HTML 1Page - Texas Instruments DAC7750IPWPR Datasheet HTML 2Page - Texas Instruments DAC7750IPWPR Datasheet HTML 3Page - Texas Instruments DAC7750IPWPR Datasheet HTML 4Page - Texas Instruments DAC7750IPWPR Datasheet HTML 5Page - Texas Instruments DAC7750IPWPR Datasheet HTML 6Page - Texas Instruments DAC7750IPWPR Datasheet HTML 7Page - Texas Instruments DAC7750IPWPR Datasheet HTML 8Page - Texas Instruments DAC7750IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
GND
DACx750
AVDD
DVDD-EN
DVDD
Watchdog
Timer
Slew Rate
Control
User Calibration
Gain/Offset
Register
DAC Input
Register
Thermal
Alarm
Internal
Reference
REFOUT
REFIN
HART-IN
LATCH
SCLK
DIN
SDO
CLR
DAC
Pre-
Conditioning
Current
Source
I
ENABLE
ISET-R
I
GAIN
Current Output Stage
IOUT
ALARM
BOOST
R3-SENSE
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output
Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
1
1 Features
1
•
Current Output Options:
–
0 mA to 24 mA
–
4 mA to 20 mA
–
0 mA to 20 mA
•
±0.1% FSR Typical Total Unadjusted Error (TUE)
•
DNL: ±1 LSB Maximum
•
Max Loop Compliance Voltage: AVDD – 2 V
•
Internal 5-V Reference: 10 ppm/°C (Maximum)
•
Internal 4.6-V Power-Supply Output
•
CRC Frame Error Check
•
Watchdog Timer
•
Thermal Alarm
•
Open Circuit Alarm
•
Terminals to Monitor Output Current
•
On-Chip Fault Alarm
•
User-Calibration for Offset and Gain
•
Wide Temperature Range: –40°C to 125°C
•
6-mm × 6-mm 40-Pin VQFN and 24-Pin HTSSOP
Packages
2 Applications
•
4-mA to 20-mA Current Loops
•
Analog Output Modules
•
Building Automation
•
Environment Monitoring
•
Programmable Logic Controllers (PLCs)
•
Field Sensors and Process Transmitters
3 Description
The DAC7750 and DAC8750 are low-cost, precision,
fully-integrated 12-bit and 16-bit digital-to-analog
converters
(DACs)
designed
to
meet
the
requirements
of
industrial
process-control
applications. These devices can be programmed as a
current output with a range of 4 mA to 20 mA, 0 mA
to 20 mA, or 0 mA to 24 mA. The DAC7750 and
DAC8750 include reliability features such as CRC
error checking on the serial peripheral interface
(SPI™) frame, a watchdog timer, an open circuit,
compliance voltage, and thermal alarm. In addition,
the output current can be monitored by accessing an
internal precision resistor.
These devices include a power-on-reset function to
ensure that the device powers up in a known state
(IOUT is disabled and in a Hi-Z state). The CLR
terminal sets the current output to the low end of the
range if the output is enabled. Program the zero and
gain registers to digitally calibrate the device in the
end
system.
The
output
slew
rate
is
also
programmable
by
register.
These
devices
can
superimpose an external HART® signal on the current
output, and can operate with a 10-V to 36-V supply.
All versions are available in both 40-pin VQFN and
24-pin TSSOP packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DACx750
HTSSOP (24)
7.80 mm × 4.40 mm
DACx750
VQFN (40)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - DAC7750IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7750IPWPR TI2-DAC7750IPWPR Datasheet
5Mb / 56P
DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC7750IPWPR.A TI2-DAC7750IPWPR.A Datasheet
5Mb / 56P
DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC7750IPWPR.B TI2-DAC7750IPWPR.B Datasheet
5Mb / 56P
DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
More results

Similar Description - DAC7750IPWPR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Texas Instruments
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
logo
Analog Devices
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Texas Instruments
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI1-DAC7760 Datasheet
4Mb / 63P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com