Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7997 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7997 Datasheet HTML 11Page - Analog Devices AD7997 Datasheet HTML 12Page - Analog Devices AD7997 Datasheet HTML 13Page - Analog Devices AD7997 Datasheet HTML 14Page - Analog Devices AD7997 Datasheet HTML 15Page - Analog Devices AD7997 Datasheet HTML 16Page - Analog Devices AD7997 Datasheet HTML 17Page - Analog Devices AD7997 Datasheet HTML 18Page - Analog Devices AD7997 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 15 of 32
CIRCUIT INFORMATION
The AD7997/AD7998 are low power, 10- and 12-bit, single-
supply, 8-channel A/D converters. The parts can be operated
from a 2.7 V to 5.5 V supply.
The AD7997/AD7998 have an 8-channel multiplexer, an on-
chip track-and-hold, an A/D converter, an on-chip oscillator,
internal data registers, and an I2C-compatible serial interface, all
housed in a 20-lead TSSOP. This package offers considerable
space-saving advantages over alternative solutions. The
AD7997/AD7998 require an external reference in the range of
1.2 V to VDD.
The AD7997/AD7998 typically remain in a power-down state
while not converting. When supplies are first applied, the parts
come up in a power-down state. Power-up is initiated prior to
a conversion, and the device returns to shutdown when the
conversion is complete. Conversions can be initiated on the
AD7997/AD7998 by pulsing the CONVST signal, using an
automatic cycle interval mode, or a command mode where
wake-up and a conversion occur during a write address
function (see the Modes of Operation section). When the
conversion is complete, the AD7997/AD7998 again enter
shutdown mode. This automatic shutdown feature allows power
saving between conversions. This means any read or write
operation across the I2C interface can occur while the device is
in shutdown.
CONVERTER OPERATION
The AD7997/AD7998 are successive approximation analog-to-
digital converters based around a capacitive DAC. Figure 18
and Figure 19 show simplified schematics of the ADC during
the acquisition and conversion phase, respectively. Figure 18
shows the acquisition phase. SW2 is closed and SW1 is in
position A, the comparator is held in a balanced condition,
and the sampling capacitor acquires the signal on VIN.
CAPACITIVE
DAC
VIN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
AGND
Figure 18. ADC Acquisition Phase
At the beginning of a conversion, SW2 opens and SW1 moves
to position B, causing the comparator to become unbalanced, as
shown in Figure 19. The input is disconnected once the con-
version begins. The control logic and the capacitive DAC are
used to add and subtract fixed amounts of charge from the
sampling capacitor to bring the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code. Figure 20 shows the ADC transfer characteristic.
VIN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
AGND
CAPACITIVE
DAC
Figure 19. ADC Conversion Phase
ADC Transfer Function
The output coding of the AD7997/AD7998 is straight binary.
The designed code transitions occur at successive integer LSB
values (1 LSB, 2 LSB, and so on). The LSB size is REFIN/1024 for
the AD7997 and REFIN/4096 for the AD7998. Figure 20 shows
the ideal transfer characteristic for the AD7997/AD7998.
000...000
ANALOG INPUT
0V TO REFIN
111...111
000...001
000...010
111...110
111...000
011...111
AGND + 1LSB
+REFIN – 1LSB
AD7998 1LSB = REFIN/4096
AD7997 1LSB = REFIN/1024
Figure 20. AD7997/AD7998 Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com