Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7997 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 1 Page - Analog Devices

  AD7997 Datasheet HTML 1Page - Analog Devices AD7997 Datasheet HTML 2Page - Analog Devices AD7997 Datasheet HTML 3Page - Analog Devices AD7997 Datasheet HTML 4Page - Analog Devices AD7997 Datasheet HTML 5Page - Analog Devices AD7997 Datasheet HTML 6Page - Analog Devices AD7997 Datasheet HTML 7Page - Analog Devices AD7997 Datasheet HTML 8Page - Analog Devices AD7997 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Channel, 10- and 12-Bit ADCs with I2C-
Compatible Interface in 20-Lead TSSOP
AD7997/AD7998
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
10- and 12-bit ADC with fast conversion time: 2 µs typ
8 single-ended analog input channels
Specified for VDD of 2.7 V to 5.5 V
Low power consumption
Fast throughput rate: up to 188 kSPS
Sequencer operation
Automatic cycle mode
I2C®-compatible serial interface supports standard, fast,
and high speed modes
Out-of-range indicator/alert function
Pin-selectable addressing via AS
Shutdown mode: 1 µA max
Temperature range: −40°C to +85°C
20-lead TSSOP package
See the AD7992 and AD7994 for 2-channel and 4-channel
equivalent devices, respectively
GENERAL DESCRIPTION
The AD7997/AD7998 are 8-channel, 10- and 12-bit, low power,
successive approximation ADCs with an I2C-compatible
interface. The parts operate from a single 2.7 V to 5.5 V power
supply and feature a 2 µs conversion time. The parts contain an
8-channel multiplexer and track-and-hold amplifier that can
handle input frequencies up to 11 MHz.
The AD7997/AD7998 provide a 2-wire serial interface that is
compatible with I2C interfaces. Each part comes in two versions,
AD7997-0/AD7998-0 and AD7997-1/AD7998-1, and each
version allows at least two different I2C addresses. The I2C
interface on the AD7997-0/AD7998-0 supports standard and
fast I2C interface modes. The I2C interface on the AD7997-1/
AD7998-1 supports standard, fast, and high speed I2C interface
modes.
The AD7997/AD7998 normally remain in a shutdown state
while not converting, and power up only for conversions. The
conversion process can be controlled using the CONVST pin,
by a command mode where conversions occur across I2C write
operations or an automatic conversion interval mode selected
through software control.
The AD7997/AD7998 require an external reference that should
be applied to the REFIN pin and can be in the range of 1.2 V to
VDD. This allows the widest dynamic input range to the ADC.
FUNCTIONAL BLOCK DIAGRAM
VIN1
10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
8:1
I/P
MUX
AD7997/AD7998
VDD
SCL
I2C INTERFACE
CYCLE TIMER
REGISTER
ALERT STATUS
REGISTER
CONFIGURATION
REGISTER
CONVERSION
RESULT
REGISTER
SDA
AGND
ALERT/BUSY
CONVST
AGND
AS
OSCILLATOR
REFIN
VIN8
DATALOWLIMIT
REGISTER CH1–CH4
T/H
DATAHIGHLIMIT
REGISTER CH1–CH4
HYSTERESIS
REGISTER CH1–CH4
Figure 1.
On-chip limit registers can be programmed with high and
low limits for the conversion result, and an open-drain, out-of-
range indicator output (ALERT) becomes active when the
programmed high or low limits are violated by the conversion
result. This output can be used as an interrupt.
PRODUCT HIGHLIGHTS
1.
2 µs conversion time with low power consumption.
2.
I2C-compatible serial interface with pin-selectable
addresses. Two AD7997/AD7998 versions allow five
AD7997/AD7998 devices to be connected to the same
serial bus.
3.
The parts feature automatic shutdown while not converting
to maximize power efficiency. Current consumption is 1 µA
max when in shutdown mode at 3V.
4.
Reference can be driven up to the power supply.
5.
Out-of-range indicator that can be software disabled or
enabled.
6.
One-shot and automatic conversion rates.
7.
Registers store minimum and maximum conversion
results.


Similar Part No. - AD7997

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7997 AD-AD7997 Datasheet
934Kb / 28P
2-Channel, 12-Bit ADC with I2C-Compatible
REV. 0
AD7997 AD-AD7997_15 Datasheet
1Mb / 32P
8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP
REV. 0
More results

Similar Description - AD7997

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Analog Devices
AD7991 AD-AD7991 Datasheet
264Kb / 25P
4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Revision 0
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Analog Devices
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Linear Technology
LTC1850 LINER-LTC1850_15 Datasheet
293Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1851 LINER-LTC1851_15 Datasheet
293Kb / 28P
8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Analog Devices
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Oct-2016
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com