Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7997 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7997 Datasheet HTML 24Page - Analog Devices AD7997 Datasheet HTML 25Page - Analog Devices AD7997 Datasheet HTML 26Page - Analog Devices AD7997 Datasheet HTML 27Page - Analog Devices AD7997 Datasheet HTML 28Page - Analog Devices AD7997 Datasheet HTML 29Page - Analog Devices AD7997 Datasheet HTML 30Page - Analog Devices AD7997 Datasheet HTML 31Page - Analog Devices AD7997 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 30 of 32
9
11
A
9
S
WA
A
Sr
RA
A
SECOND DATA BYTE
(LSBs)
FIRST DATA BYTE
(MSBs)
COMMAND/ADDRESS
POINT BYTE
7-BIT ADDRESS
7-BIT ADDRESS
A
SDA
11
9
SCL
SDA
SCL
9
9
Sr/P
8
ACK BY
AD7997/AD7998
ACK BY
AD7997/AD7998
ACK BY
MASTER
NACK BY
MASTER
ACK BY
AD7997/AD7998
Figure 33. Mode 2 Operation
9
11
SCL
9
S
7-BIT ADDRESS
WA
COMMAND/ADDRESS
POINT BYTE
A
SDA
FIRST DATA BYTE
(MSBs)
A
SECOND DATA BYTE
(LSBs)
FIRST DATA BYTE
(MSBs)
SECOND DATA BYTE
(LSBs)
A
Sr
7-BIT ADDRESS
RA
SDA
9
9
1
1
SCL
9
8
ACK BY
AD7997/AD7998
ACK BY
AD7997/AD7998
ACK BY
MASTER
ACK BY
MASTER
ACK BY
MASTER
ACK BY
AD7997/AD7998
A
9
9
RESULT FROM CH1
RESULT FROM CH2
A/A
Figure 34. Mode 2 Sequence Operation
MODE 3—AUTOMATIC CYCLE INTERVAL MODE
An automatic conversion cycle can be selected and enabled by
writing a value to the cycle timer register. A conversion cycle
interval can be set up on the AD7997/AD7998 by programming
the relevant bits in the 8-bit cycle timer register, as decoded in
Table 24. Only the 3 LSBs are used to select the cycle interval;
the 5 MSBs should contain 0s. When the 3 LSBs of the register
are programmed with any configuration other than all 0s, a
conversion takes place every X ms; the cycle interval, X,
depends on the configuration of these three bits in the cycle
timer register. There are seven different cycle time intervals to
choose from, as shown in Table 24. Once the conversion has
taken place, the part powers down again until the next conver-
sion occurs. To exit this mode of operation, the user must
program the 3 LSBs of the cycle timer register to contain all 0s.
To select a channel(s) for operation in the cycle mode, set the
corresponding channel bit(s), D11 to D4, of the configuration
register. If more than one channel bit is set in the configuration
register, the ADC automatically cycles through the channel
sequence starting with the lowest channel and working its way
up through the sequence. Once the sequence is complete, the
ADC starts converting on the lowest channel again, continuing
to loop through the sequence until the cycle timer register
contents are set to all 0s. This mode is useful for monitoring
signals, such as battery voltage and temperature, alerting only
when the limits are violated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com