Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7997 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7997 Datasheet HTML 16Page - Analog Devices AD7997 Datasheet HTML 17Page - Analog Devices AD7997 Datasheet HTML 18Page - Analog Devices AD7997 Datasheet HTML 19Page - Analog Devices AD7997 Datasheet HTML 20Page - Analog Devices AD7997 Datasheet HTML 21Page - Analog Devices AD7997 Datasheet HTML 22Page - Analog Devices AD7997 Datasheet HTML 23Page - Analog Devices AD7997 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 20 of 32
CONVERSION RESULT REGISTER
The conversion result register is a 16-bit, read-only register that
stores the conversion result from the ADC in straight binary
format. A 2-byte read is necessary to read data from this register.
Table 13 shows the contents of the first byte to be read from the
AD7997/AD7998, and Table 14 shows the contents of the second
byte to be read.
Table 13. Conversion Value Register (First Read)
D15
D14
D13
D12
D11
D10
D9
D8
Alert_Flag
CH ID2
CH ID1
CH ID0
M S B
B10
B9
B8
Table 14. Conversion Value Register (Second Read)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
The AD7997/AD7998 conversion result consists of an Alert_Flag
bit, three channel identifier bits, and the 10- and 12-bit data
result (MSB first). For the AD7997, the 2 LSBs (D1 and D0) of
the second read contain two 0s. The three channel identification
bits can be used to identify to which of the eight analog input
channels the conversion result corresponds.
The Alert_Flag bit indicates whether the conversion result being
read or any other channel result has violated the limit registers
associated with it. If an ALERT occurs, the master can read the
ALERT status register to obtain more information on where the
ALERT occurred.
LIMIT REGISTERS
The AD7997/AD7998 have four pairs of limit registers. Each
pair stores high and low conversion limits for the first four
analog input channels, CH1 to CH4. Each pair of limit registers
has one associated hysteresis register. All 12 registers are 16 bits
wide; only the 12 LSBs of the registers are used for the AD7997
and AD7998. For the AD7997, the 2 LSBs, D1 and D0 in these
registers, should contain 0s. On power-up, the contents of the
DATAHIGH register for each channel is full scale, while the
contents of the DATALOW registers is zero scale by default. The
AD7997/AD7998 signal an alert (in either hardware, software,
or both depending on configuration) if the conversion result
moves outside the upper or lower limit set by the limit registers.
There are no limit registers or hysteresis registers associated
with CH5 to CH8.
DATAHIGH Register CH1/CH2/CH3/CH4
The DATAHIGH registers for CH1 to CH 4 are 16-bit read/write
registers; only the 12 LSBs of each register are used. This
register stores the upper limit that activates the ALERT output
and/or the Alert_Flag bit in the conversion result register. If the
value in the conversion result register is greater than the value
in the DATAHIGH register, an ALERT occurs for that channel.
When the conversion result returns to a value at least N LSBs
below the DATAHIGH register value, the ALERT output pin and
Alert_Flag bit are reset. The value of N is taken from the
hysteresis register associated with that channel. The ALERT pin
can also be reset by writing to Bits D2 and D1 in the
configuration register. For the AD7997, D1 and D0 of the
DATAHIGH register should contain 0s.
Table 15. DATAHIGH Register (First Read/Write)
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
B11
B10
B9
B8
Table 16. DATAHIGH Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
DATALOW Register CH1/CH2/CH3/CH4
The DATALOW register for each channel is a 16-bit read/write
register; only the 12 LSBs of each register are used. The register
stores the lower limit that activates the ALERT output and/or
the Alert_Flag bit in the conversion result register. If the value
in the conversion result register is less than the value in the
DATALOW register, an ALERT occurs for that channel. When the
conversion result returns to a value at least N LSBs above the
DATALOW register value, the ALERT output pin and Alert_Flag
bit are reset. The value of N is taken from the hysteresis register
associated with that channel. The ALERT output pin can also be
reset by writing to Bits D2 and D1 in the configuration register.
For the AD7997, D1 to D0 of the DATALOW register should
contain 0s.
Table 17. DATALOW Register (First Read/Write)
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
B11
B10
B9
B8
Table 18. DATALOW Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com