Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7997 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7997
Description  8-Channel, 10- and 12-Bit ADCs with I2CCompatible
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7997 Datasheet HTML 12Page - Analog Devices AD7997 Datasheet HTML 13Page - Analog Devices AD7997 Datasheet HTML 14Page - Analog Devices AD7997 Datasheet HTML 15Page - Analog Devices AD7997 Datasheet HTML 16Page - Analog Devices AD7997 Datasheet HTML 17Page - Analog Devices AD7997 Datasheet HTML 18Page - Analog Devices AD7997 Datasheet HTML 19Page - Analog Devices AD7997 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7997/AD7998
Rev. 0 | Page 16 of 32
TYPICAL CONNECTION DIAGRAM
The typical connection diagram for the AD7997/AD7998 is
shown in Figure 22. In this figure, the address select pin (AS)
is tied to VDD; however, AS can also be tied to AGND or left
floating, allowing the user to select up to five AD7997/AD7998
devices on the same serial bus. An external reference must be
applied to the AD7997/AD7998. This reference can be in the
range of 1.2 V to VDD. A precision reference like the REF 19x
family, AD780, ADR03, or ADR381 can be used to supply the
reference voltage to the ADC.
SDA and SCL form the 2-wire I2C-/SMBus-compatible
interface. External pull-up resisters are required for both SDA
and SCL lines.
The AD7998-0/AD7997-0 support standard and fast I2C
interface modes. The AD7998-1/AD7997-1 support standard,
fast, and high speed I2C interface modes. Therefore if operating
in either standard or fast mode, up to five AD7997/AD7998
devices can be connected to the bus, as noted:
3 × AD7997-0/AD7998-0 and 2 × AD7997-1/ AD7998-1
or
3 × AD7997-1/AD7998-1 and 2 × AD7997-0/AD7998-0
In high speed mode, up to three AD7997-1/AD7998-1 devices
can be connected to the bus.
Wake-up from shutdown and acquisition prior to a conversion
is approximately 1 µs, and conversion time is approximately
2 µs. The AD7997/AD7998 enters shutdown mode again after
each conversion, which is useful in applications where power
consumption is a concern.
ANALOG INPUT
Figure 21 shows an equivalent circuit of the AD7997/AD7998
analog input structure. The two diodes, D1 and D2, provide
ESD protection for the analog inputs. Care must be taken to
ensure that the analog input signal does not exceed the supply
rails by more than 300 mV. This causes the diodes to become
forward biased and start conducting current into the substrate.
These diodes can conduct a maximum current of 10 mA
without causing irreversible damage to the part.
VIN
D1
VDD
D2
R1
C2
30pF
C1
4pF
CONVERSION PHASE—SWITCH OPEN
TRACK PHASE—SWITCH CLOSED
Figure 21. Equivalent Analog Input Circuit
Capacitor C1 in Figure 21 is typically about 4 pF and can
primarily be attributed to pin capacitance. Resistor R1 is a
lumped component made up of the on resistance (RON) of
a track-and-hold switch, and also includes the RON of the
input multiplexer. The total resistance is typically about 400 Ω.
C2, the ADC sampling capacitor, has a typical capacitance of
30 pF.
VDD
VIN1
AGND
5V SUPPLY
REF 19x
1
µF
0.1
µF
10
µF
AD7997/
AD7998
0V to REFIN
INPUT
SDA
µC/µP
SCL
2-WIRE SERIAL
INTERFACE
CONVST
ALERT
REFIN
RP
RP
RP
VDD
AS
VIN8
0.1
µF
Figure 22. AD7997/AD7998 Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com