Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZT-R1 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ28Z560DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZT-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ28Z560DRZT-R1 Datasheet HTML 1Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
DOUT
COUT
VM
BAT
VREG
VSS
GPIO
SCL
TS
SRP
SRN
VREG
PACK+
PACK–
CELLN
CELLP
S
S
D
1
2
3
4
5
6
12
11
10
9
8
7
SDA
10 mΩ
0.1
0.1
0.1
510 Ω
100 Ω
SDA
SCL
FUSE
DSG
CHG
13
PWPD
100 Ω
3.3K
VREG
100 Ω
5V6
5V6
5V6
ALERT
5 M
5 M
µF
µF
µF
DOUT
COUT
VM
BAT
VREG
VSS
GPIO
SCL
TS
SRP
SRN
VREG
PACK+
PACK–
CELLN
CELLP
S
S
D
1
2
3
4
5
6
12
11
10
9
8
7
SDA
10 mΩ
510 Ω
100 Ω
SDA
SCL
FUSE
DSG
CHG
13
PWPD
100 Ω
100 k
5V6
5V6
5k
12k
VREG
BC847BPDXV6
5 M
5 M
0.1 µF
0.1 µF
100 Ω
100 Ω
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
TYPICAL APPLICATION
Figure 1. Application—CFET
Figure 2. Application—ALERT
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com