Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZT-R1 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ28Z560DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZT-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ28Z560DRZT-R1 Datasheet HTML 1Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 2Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Input/Output
Oscillator
System Clock
Linear
Regulator 2 .5 V
CoolRISC
CPU
Program Memory
16 k x 22 FLASH
AND
6 k x 22 Mask ROM
Data Memory
1k x 8 SRAM
AND
1k x 8 FLASH
Communications
I2C (slave)
Peripherals
Interrupt
Controller
Analog Front End
Delta-Sigma ADC
AND
Integrating
Coulomb Counter
DMAddr (16-bit)
Data (8-bit)
PMAddr
(15-bit)
PMInst
(22-bit)
System Clocks
SRP
SRN
System I/O (13-bit)
AD0–3 (RC0–3)
DATA
Event
(RA0)
Vss
VREG
Reset*
SDA
SCL
TS
BAT
BAT
VM
BAT
VSS
SDA
TEST
Oscillator
Protection
Logic Control
SRN
Over Discharge
Comparator
Overcharge
Comparator
Short Circuit
Comparator
Overload
Comparator
Overcharge
Current
Comparator
TEST
VSS
GPIO
DOUT
COUT
VSS
BAT
VM
VREG
3k
0.1 µF
0. 1
0.1 µF
0.47µF
10k
100
100
10 m
Ω
0.1 µF
0.1 µF
510
0.1 µF
0.1 µF
100
100
100
100
5V6
5V6
+
PACK+
PACK–
SDA
SCL
µF
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
BLOCK DIAGRAM
Figure 3. Block Diagram
ABSOLUTE MAXIMUM RATINGS
All voltages are referenced to the VSS pin. Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
VALUE
UNIT
VBAT
Input voltage, BAT (Pin 4)
–0.3 to 12
V
VVM
VM terminal voltage (Pin 3)
VBAT – 32 to VBAT + 0.3
V
VCOUT
COUT terminal input voltage (Pin 2)
VBAT – 32 to VBAT + 0.3
V
VDOUT
DOUT terminal input voltage (Pin 1)
VSS – 0.3 to VBAT + 0.3
V
VIOD
All other pins (Pins 5, 7, 8, 9, and 12)
–0.3 to 6
V
VSDATA
SDA (Pin 10)
VSS – 0.3 to VBAT + 0.3
V
VSCLK
SCL (Pin 11)
VSS – 0.3 to VBAT + 0.3
V
ESD
Human body model
±2
kV
ESD
Machine model
±200
V
TA
Operating free-air temperature range
–40°C to 85
°C
Tstg
Storage temperature range
–65°C to 150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com