Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZT-R1 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ28Z560DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZT-R1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ28Z560DRZT-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 12Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 13Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
SCL
SDA
tsu (STA)
td (STA)
tr
tsu (DAT)
th(DAT)
tw(H)
tw(L)
tf
tf
tr
t(BUF)
tsu(STOP)
REPEATED
START
STOP
START
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
I
2C SERIAL COMMUNICATION TIMING CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted).
Capacitance on serial interface pins SCL and SDA are 10 pF unless otherwise specified
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width (high)
600
ns
tw(L)
SCL pulse width (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tsu(DAT)
Data setup time
1
μs
th(DAT)
Data hold time
0
ns
tsu(STOP)
Setup time for stop
600
ns
Bus free time between stop and
t(BUF)
1.3
μs
start
f(SCL)
Clock frequency
100
kHz
(1)
Parameters specified by worst-case test program execution in FAST mode.
Figure 5. I2C Serial Communication Timing
I
2C BUS COMMUNICATION
The 2-wire communication bus supports a slave-only device in a single- or multi-slave configuration with a single-
or multi-master configuration. The device can be part of a shared bus by the unique setting of the 7-bit slave
address. The 2-wire communication is bi-directional, consisting of a serial data line (SDA) and serial clock line
(SCL). In RECEIVE mode, the SDA terminal operates as an input; whereas, when the device is returning data to
the master, the SDA operates as an open drain output with an external resistive pull-up. The master device
controls the initiation of the transaction on the bus line.
Data Transfer: Each data bit is transferred during an SCL clock cycle (transition from low-to-high and then high-
to-low). The data signal on the SDA (logic level) must be stable during the high period of the SCL clock pulse. A
change in the SDA logic when SCL is high is interpreted as a START or STOP control signal. If a transfer is
interrupted by a STOP condition, the partial byte transmission shall not be latched. Only the prior messages
transmitted and acknowledged are latched.
Data Format: The data is an 8-bit format with the most significant bit (MSB) first, and the least significant bit
(LSB) followed by an Acknowledge bit. If the slave cannot receive or transmit any byte of data until it services a
priority interrupt, it can pull the SCL line low to force the master device into wait state. The slave, once ready to
resume data transfer, can release the SCL line (get out of wait state).
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com