Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZT-R1 Datasheet(PDF) 52 Page - Texas Instruments

Part # BQ28Z560DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZT-R1 Datasheet(HTML) 52 Page - Texas Instruments

Back Button BQ28Z560DRZT-R1 Datasheet HTML 48Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 49Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 50Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 51Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 52Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 53Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 54Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 55Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
A
A
S
0
ADDR[6:0]
CMD[7:0]
Sr
1
ADDR[6:0]
A
DATA [7:0]
A
DATA [7:0]
P
N
A
A
S
A
0
P
ADDR[6:0]
CMD[7:0]
DATA [7:0]
DATA [7:0]
A
66ms
A
A
S
0
ADDR[6:0]
CMD[7:0]
Sr
1
ADDR[6:0]
A
DATA [7:0]
A
DATA [7:0]
A
DATA [7:0]
A
DATA [7:0]
P
N
Waitingtimebetweencontrolsubcommandandreadingresults
Waitingtimebetweencontinuousreadingresults
66ms
66ms
S
ADDR[6:0]
0
A
CMD[7:0]
A Sr
ADDR[6:0]
1
A
DATA[7:0]
A
...
DATA[7:0]
N P
Address
0x7F
DataFrom
addr0x7F
DataFrom
addr0x00
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
Incremental read at the maximum allowed read address:
The I2C engine releases both SDA and SCL if the I2C bus is held low for t(BUSERR). If the gas gauge was holding
the lines, releasing them frees the master to drive the lines. If an external condition is holding either of the lines
low, the I2C engine enters the low-power SLEEP mode.
I2C Timeout
The I2C engine will release both SDA and SCL if the I2C bus is held low for about 2 s. If the bq28z560-R1 was
holding the lines, releasing them will free the master to drive the lines.
I2C Command Waiting Time
To ensure getting the correct results of a command with the 400 KHz I2C operation, a proper waiting time should
be added between issuing the command and reading results. For subcommands, the following diagram shows
the waiting time required between issuing the control command and reading the status with the exception of the
checksum command. A 100-ms waiting time is required between the checksum command and reading result. For
read-write standard commands, a minimum of 2 s is required to get the result updated. For read-only standard
commands, there is no waiting time required, but the host should not issue all standard commands more than
two times per second. Otherwise, the gauge could result in a reset issue due to the expiration of the watchdog
timer.
The I2C clock stretch could happen in a typical application. A maximum 80-ms clock stretch could be observed
during the flash updates. There can be up to a 270-ms clock stretch after the OCV command is issued.
52
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com