Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZT-R1 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ28Z560DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZT-R1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ28Z560DRZT-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 11Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
INTERNAL TEMPERATURE SENSOR CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GTEMP
Temperature sensor voltage gain
–2.0
mV/°C
HIGH FREQUENCY OSCILLATOR
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(OSC)
Operating frequency
2.097
MHz
TA = 0°C to 60°C
–2.0
0.38
2.0
%
f(EIO)
Frequency error (1), (2)
TA = –20°C to 70°C
–3.0
0.38
3.0
%
TA = –40°C to 85°C
–4.5
0.38
4.5
%
t(SXO)
Start-up time (3)
2.5
5
ms
(1)
The frequency error is measured from 2.097 MHz.
(2)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3%.
LOW FREQUENCY OSCILLATOR
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(LOSC)
Operating frequency
32.768
kHz
TA = 0°C to 60°C
–1.5
0.25
1.5
%
f(LEIO)
Frequency error (1), (2)
TA = –20°C to 70°C
–2.5
0.25
2.5
%
TA = –40°C to 85°C
–4.0
0.25
4.0
%
t(LSXO)
Start-up time (3)
500
μs
(1)
The frequency drift is included and measured from the trimmed frequency at VCC = 2.5 V, TA = 25°C.
(2)
The frequency error is measured from 32.768 kHz.
(3)
The startup time is defined as the time it takes for the oscillator output frequency to be ±3%.
INTEGRATING ADC (COULOMB COUNTER) CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range, V(SRN) and
VIN(SR)
VSR = V(SRN) – V(SRP)
–0.125
0.125
V
V(SRP)
Conversion time
Single conversion
1
s
tCONV(SR)
Resolution
14
15
bits
VOS(SR)
Input offset
10
µV
INL
Integral non-linearity error
±0.007
±0.034
FSR
ZIN(SR)
Effective input resistance(1)
2.5
M
Ω
Ilkg(SR)
Input leakage current(1)
0.3
µA
(1)
Specified by design. Not production tested.
ADC (TEMPERATURE AND CELL VOLTAGE) CHARACTERISTICS
TA = –40 to +85ºC, VBAT = 2.7 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN(ADC)
Input voltage range
–0.2
1
V
Conversion time
125
ms
tCONV(ADC)
Resolution
14
15
bits
VOS(ADC)
Input offset
1
mV
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com