Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560DRZT-R1 Datasheet(PDF) 41 Page - Texas Instruments

Part # BQ28Z560DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZT-R1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button BQ28Z560DRZT-R1 Datasheet HTML 37Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 38Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 39Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 40Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 41Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 42Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 43Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 44Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
Table 20. Data Flash Summary (continued)
Units
Subclass
Data
Class
Subclass
Offset
Name
Min Value
Max Value
Default Value
(EVSW
ID
Type
Units)*
Configuration
48
Data
38
JEITA T3
I1
–128
127
45
°C
Configuration
48
Data
39
JEITA T4
I1
–128
127
55
°C
Configuration
48
Data
40
ISD Current
I2
0
32767
10
HourRate
Configuration
48
Data
42
ISD I Filter
U1
0
255
127
num
Configuration
48
Data
43
Min ISD Time
U1
0
255
7
Hour
Configuration
48
Data
44
Design Energy Scale
U1
0
255
1
num
Configuration
48
Data
45
Device Name
S21
x
x
bq28z560-R1
—
Configuration
49
Discharge
0
SOC1 Set Threshold
U2
0
65535
150
mAh
Configuration
49
Discharge
2
SOC1 Clear Threshold
U2
0
65535
175
mAh
Configuration
49
Discharge
4
SOCF Set Threshold
U2
0
65535
75
mAh
Configuration
49
Discharge
6
SOCF Clear Threshold
U2
0
65535
100
mAh
Configuration
49
Discharge
9
BL Set Volt Threshold
I2
0
16800
0
mV
Configuration
49
Discharge
11
BL Set Volt Time
U1
0
60
0
s
Configuration
49
Discharge
12
BL Clear Volt Threshold
I2
0000
16800
5
mV
Configuration
49
Discharge
14
BH Set Volt Threshold
I2
0
16800
4300
mV
Configuration
49
Discharge
16
BH Volt Time
U1
0
60
2
s
Configuration
49
Discharge
17
BH Clear Volt Threshold
I2
0000
16800
5
mV
Configuration
56
Manufacturer Data
0
Pack Lot Code
H2
0x0
0xffff
0x0
—
Configuration
56
Manufacturer Data
2
PCB Lot Code
H2
0x0
0xffff
0x0
—
Configuration
56
Manufacturer Data
4
Firmware Version
H2
0x0
0xffff
0x0
—
Configuration
56
Manufacturer Data
6
Hardware Revision
H2
0x0
0xffff
0x0
—
Configuration
56
Manufacturer Data
8
Cell Revision
H2
0x0
0xffff
0x0
—
Configuration
56
Manufacturer Data
10
DF Config Version
H2
0x0
0xffff
0x0
—
Configuration
57
Integrity Data
6
Static Chem DF Checksum
H2
0x0
0x7fff
0x0
—
System Data
58
Manufacturer Info
0–31
Block A [0–31]
H1
0x0
ff
0
—
System Data
58
Manufacturer Info
32–63
Block B [0–31]
H1
0x0
ff
0
—
Configuration
59
Lifetime Data
0
Lifetime Max Temp
I2
0
1400
300
0.1°C
Configuration
59
Lifetime Data
2
Lifetime Min Temp
I2
–600
1400
200
0.1°C
Configuration
59
Lifetime Data
4
Lifetime Max Pack Voltage
I2
0
32767
3200
mV
Configuration
59
Lifetime Data
6
Lifetime Min Pack Voltage
I2
0
32767
3500
mV
Configuration
59
Lifetime Data
8
Lifetime Max Chg Current
I2
–32767
32767
0
mA
Configuration
59
Lifetime Data
10
Lifetime Max Dsg Current
I2
–32767
32767
0
mA
Configuration
60
Lifetime Temp Samples
0
LT Flash Cnt
U2
0
65535
0
—
Configuration
64
Registers
0
Pack Configuration
H2
0x0
0xffff
0x0177
—
Configuration
64
Registers
2
Pack Configuration B
H1
0x0
0xff
0x1f
—
Configuration
64
Registers
3
Pack Configuration C
H1
0x0
0xff
0x0
—
Configuration
64
Registers
4
Battery Alert Default Configuration
H2
0x0
0xffff
c0c4
—
Configuration
66
Lifetime Resolution
0
LT Temp Res
U1
0
255
10
Num
Configuration
66
Lifetime Resolution
1
LT V Res
U1
0
255
25
Num
Configuration
66
Lifetime Resolution
2
LT Cur Res
U1
0
255
100
Num
Configuration
66
Lifetime Resolution
3
LT Update Time
U2
0
65535
60
Num
Configuration
68
Power
0
Flash Update OK Voltage
I2
0
4200
2800
mV
Configuration
68
Power
2
Sleep Current
I2
0
100
10
mA
Configuration
68
Power
11
Hibernate I
U2
0
700
8
mA
Configuration
68
Power
13
Hibernate V
U2
2400
3000
2550
mV
Configuration
68
Power
15
FS Wait
U1
0
255
0
s
Gas Gauging
80
IT Cfg
0
Load Select
U1
0
255
1
—
Gas Gauging
80
IT Cfg
1
Load Mode
U1
0
255
0
—
Gas Gauging
80
IT Cfg
21
Max Res Factor
U1
0
255
15
num
Gas Gauging
80
IT Cfg
22
Min Res Factor
U1
0
255
3
num
Gas Gauging
80
IT Cfg
25
Ra Filter
U2
0
1000
500
num
Gas Gauging
80
IT Cfg
67
Terminate Voltage
I2
2800
3700
3000
mV
Gas Gauging
80
IT Cfg
69
Term V Delta
I2
0
4200
200
mV
Gas Gauging
80
IT Cfg
72
ResRelax Time
U2
0
65534
200
s
Gas Gauging
80
IT Cfg
76
User Rate-mA
I2
2000
9000
0
mA
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com