Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700XT Datasheet(PDF) 71 Page - STMicroelectronics

Part # ADE3700XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700XT Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ADE3700XT Datasheet HTML 67Page - STMicroelectronics ADE3700XT Datasheet HTML 68Page - STMicroelectronics ADE3700XT Datasheet HTML 69Page - STMicroelectronics ADE3700XT Datasheet HTML 70Page - STMicroelectronics ADE3700XT Datasheet HTML 71Page - STMicroelectronics ADE3700XT Datasheet HTML 72Page - STMicroelectronics ADE3700XT Datasheet HTML 73Page - STMicroelectronics ADE3700XT Datasheet HTML 74Page - STMicroelectronics ADE3700XT Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
71/89
ADE3700
APC
2.18
APC
APC (formerly known as Arithmos Perfect Color) dithers an input 10 bit video stream down to 4-8
output bits. The dithering is done in space and time in such a way that the eye does not perceive
objectionable artifacts such as:
q
Fixed dither patterns
q
Contours
q
Flickering pixels
q
Phase correlated flickering, which creates wave patterns known as “swimming”
Table 25: Gamma Registers
Register Name
Addr
Mode
Bits
Default
Description
GAMMA_CTRL
0x0C10
R/W
[7:4]
0x0
Reserved
[3]
0x0
0: normal
1: disable RAM access
[2]
0x0
0: normal
1: test mode
[1:0]
0x0
Gamma Mode Select
0x0: 10-bit linear bypass
0x1: 8-bit->10-bit gamma table (normal)
0x2: 8-bit linear bypass (no interpolation)
0x3: 8-bit->10-bit gamma table (normal)
Table 26: APC Registers
Register Name
Addr
Mode
Bits
Default
Description
APC_APC0
0x0C20
[7]
Reserved
R/W
[6:5]
0x0
Frame Modulation Period - 1
R/W
[4:1]
0x0
0x0 - 0x3: 8-bit out
0x4: 4b out
0x5: 5b out
0x6: 6b out
0x7: 7b out
0x8: 8-bit out
R/W
[0]
0x0
0: normal
1: disable APC -- truncate LSBs
APC_APC1
0x0C21
[7:2]
Reserved
R/W
[1]
0x0
Offset the phase LUT
R/W
[0]
0x0
Offset the dither LUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com