Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700XT Datasheet(PDF) 82 Page - STMicroelectronics

Part # ADE3700XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700XT Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ADE3700XT Datasheet HTML 78Page - STMicroelectronics ADE3700XT Datasheet HTML 79Page - STMicroelectronics ADE3700XT Datasheet HTML 80Page - STMicroelectronics ADE3700XT Datasheet HTML 81Page - STMicroelectronics ADE3700XT Datasheet HTML 82Page - STMicroelectronics ADE3700XT Datasheet HTML 83Page - STMicroelectronics ADE3700XT Datasheet HTML 84Page - STMicroelectronics ADE3700XT Datasheet HTML 85Page - STMicroelectronics ADE3700XT Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
DFT Block
ADE3700
82/89
DFT_CLK_2_MODE
0x0F05
R/W
[5:0]
0x0
mux selector for clocks to CLKOUT pin
DFT_OUT_DISAB_0
0x0F06
R/W
[7:0]
0x0
Disable Port A Red Output in Test Mode
DFT_OUT_DISAB_1
0x0F07
R/W
[7:0]
0x0
Disable Port A Green Output in Test Mode
DFT_OUT_DISAB_2
0x0F08
R/W
[7:0]
0x0
Disable Port A Blue Output in Test Mode
DFT_OUT_DISAB_3
0x0F09
R/W
[7:0]
0x0
Disable Port B Red Output in Test Mode
DFT_OUT_DISAB_4
0x0F0A
R/W
[7:0]
0x0
Disable Port B Green Output in Test Mode
DFT_OUT_DISAB_5
0x0F0B
R/W
[7:0]
0x0
Disable Port B Blue Output in Test Mode
DFT_OUT_DISAB_6
0x0F0C
R/W
[7:3]
0x0
Disable TCON Bits [4:0] in Test Mode
R/W
[2]
0x0
Disable Vert Sync Output in Test Mode
R/W
[1]
0x0
Disable Data Enab Output in Test Mode
R/W
[0]
0x0
Disable Horz Sync Output in Test Mode
DFT_OUT_DISAB_7
0x0F0D
[7:5]
Reserved
R/W
[4]
0x0
Disable CLKOUT Output In Test Mode
R/W
[3]
0x0
Disable OCLK Output in Test Mode
R/W
[2:0]
0x0
Disable TCON Bits [7:5] in Test Mode
DFT_STIM_CTRL
0x0F0E
[7:6]
Reserved
R/W
[0]
0x0
Internal Stimulus Bus Enable
DFT_STIM_EN_0
0x0F0F
R/W
[7]
0x0
SCL Test Stimulus Enable
R/W
[6:2]
Reserved
R/W
[1]
0x0
ADC Test Stimulus Enable
R/W
[0]
0x0
NC
DFT_STIM_EN_1
0x0F10
[7:6]
Reserved
R/W
[5]
0x0
TCON test bypass
R/W
[4]
0x0
OMUX test stimulus enable
R/W
[3]
0x0
APC test stimulus enable
R/W
[2]
0x0
OSD test stimulus enable
R/W
[1]
0x0
SCL bypass
R/W
[0]
0x0
PGEN test stimulus enable
DFT_BIST_STATUS
0x0F11
[7:6]
Reserved
R
[5]
Gamma RAM BIST end
R
[4]
OSD CS RAM BIST end
R
[3]
OSD DRB RAM BIST
R
[2]
OSD MB RAM BIST end
R
[1]
SCL coeff. RAM BIST end
R
[0]
SCL line buffer RAM BIST end
Table 34: DFT Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com