Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700XT Datasheet(PDF) 26 Page - STMicroelectronics

Part # ADE3700XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700XT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ADE3700XT Datasheet HTML 22Page - STMicroelectronics ADE3700XT Datasheet HTML 23Page - STMicroelectronics ADE3700XT Datasheet HTML 24Page - STMicroelectronics ADE3700XT Datasheet HTML 25Page - STMicroelectronics ADE3700XT Datasheet HTML 26Page - STMicroelectronics ADE3700XT Datasheet HTML 27Page - STMicroelectronics ADE3700XT Datasheet HTML 28Page - STMicroelectronics ADE3700XT Datasheet HTML 29Page - STMicroelectronics ADE3700XT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
Sync Measurement
ADE3700
26/89
SMEAS_V_TMOT_L
0x0109
R/W
[7:0]
0x1600
timeout counter value for vertical
measurement in units of XCLK/256
SMEAS_V_TMOT_H
0x010A
R/W
[7:0]
SMEAS_CLEAR
0x0110
[7:3]
Reserved
R/W
[2]
0x0
clear sticky status bits
R/W
[1]
0x0
clear all out-of-range event counters
R/W
[0]
0x0
clear all result registers
SMEAS_H_CTRL
0x0111
[7]
0x0
Reserved
R/W
[6]
0x0
Enable hsync filter -- all hsync pulses less
than SMEAS_FILTER_HS_WIDTH will be
ignored.
R/W
[5]
0x0
measure hsync in the absence of vsync
R/W
[4]
0x0
enable horizontal measurement in free-
running mode
R/W
[3]
0x0
horizontal event edge select
0: positive edge
1: negative edge
R/W
[2]
0x0
Freeze horizontal measurements results
during free-running mode. No meaning in
one shot mode.
0: Do not freeze measurement results. New
result will be available on the next and
subsequent toggle of the polling bit.
1: Freeze the current results. The polling bit
will still toggle and the block continues to
free-running; however, results will not be
updated.
R/W
[1]
0x0
horizontal measurement start
In one-shot mode setting this bit triggers the
start of a measurement. The bit is reset to
zero when the measurement is complete.
R/W
[0]
0x0
horizontal measurement mode
0: free-running
1: one shot
Table 9: Sync Measurement (Sheet 2 of 8)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com