Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700XT Datasheet(PDF) 38 Page - STMicroelectronics

Part # ADE3700XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700XT Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ADE3700XT Datasheet HTML 34Page - STMicroelectronics ADE3700XT Datasheet HTML 35Page - STMicroelectronics ADE3700XT Datasheet HTML 36Page - STMicroelectronics ADE3700XT Datasheet HTML 37Page - STMicroelectronics ADE3700XT Datasheet HTML 38Page - STMicroelectronics ADE3700XT Datasheet HTML 39Page - STMicroelectronics ADE3700XT Datasheet HTML 40Page - STMicroelectronics ADE3700XT Datasheet HTML 41Page - STMicroelectronics ADE3700XT Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
Data Measurement (DMEAS)
ADE3700
38/89
2.9
Data Measurement (DMEAS)
The Data Measurement (DMEAS) module measures several characteristics of the data and sync
signals. Data measurements are taken over a programmable window as defined by an upper left
(mix_x, min_y) and a lower right (max_x, max_y), which may be the whole frame. Measurements
are programmable either per color channel or over all color channels.
This module computes all measurements of sync and data format that are done in the INCLK
domain. The Sync Measurement module does measurements in the XCLK domain. The INCLKS
per DE measurement does not use the window feature. It measures the number of INCLK per DE
and returns the result for every line.
All unused or reserved bits will return as zero.
Windows are relative to Sync pulses. A window defined from (0,0) - (0xFFF, 0xFFF) would go from
sync to sync. The reference edge to use, rising or falling, is also programmable per X and Y
coordinates. SMUX should be configured to provide a positive polarity sync to the DMEAS block. All
window enables are reset to 0 and will always be reset on the rising or falling edge of the sync
pulse.
Most algorithms can be run over separate or all color channels. Most algorithms also contain a
threshold value to zero out noise and/or amplify edges. Algorithm, Color, Threshold, or Window
Control changes are accepted at the end of a valid measurement so that they do not affect the
current measurement in progress.
Software can request measurements in one of two ways:
1. All measurements, except DE_Size, are performed in One-shot mode, which is synchronous in
respect the microcontroller.
2. The DE_Size measurement can be set either to One-shot or Free-running modes. Free-
running mode is asynchronous in respect to the microcontroller.
In One-shot mode, the block should indicate that the measurement is valid through an auto clear of
the start condition.
In Free-running mode, the block should indicate that the measurement is valid through a polling
bit. In Free-running mode, a Freeze bit is provided to freeze the results. Measurements still continue
with the polling bit active, however, they are not updated if the Freeze bit is set.
2.9.1
Edge Intensity
The Edge Intensity measurement is the sum of the absolute value of the delta between adjacent
pixels. A programmable threshold is applied to zero out noise and amplify edges. Equation:
Delta_val = abs(pixelA - pixelB) - threshold;
Delta_val = Delta_val < 0? 0: Delta_val;
Sum += Delta_val;
For all 3 color channels: Sum += Delta_val on Red channel + Delta_val on Green channel +
Delta_val on Blue channel
2.9.2
Pixel Sum
The Pixel Sum is the sum of all selected pixels for either a specific color channel or all color
channels within the window specified.
2.9.3
Minimum/Maximum Pixel
This function reports the minimum and maximum pixel found within the specified window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com