Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700XT Datasheet(PDF) 39 Page - STMicroelectronics

Part # ADE3700XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700XT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ADE3700XT Datasheet HTML 35Page - STMicroelectronics ADE3700XT Datasheet HTML 36Page - STMicroelectronics ADE3700XT Datasheet HTML 37Page - STMicroelectronics ADE3700XT Datasheet HTML 38Page - STMicroelectronics ADE3700XT Datasheet HTML 39Page - STMicroelectronics ADE3700XT Datasheet HTML 40Page - STMicroelectronics ADE3700XT Datasheet HTML 41Page - STMicroelectronics ADE3700XT Datasheet HTML 42Page - STMicroelectronics ADE3700XT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
39/89
ADE3700
Data Measurement (DMEAS)
2.9.4
Pixel Cumulative Distribution (PCD)
The Pixel Cumulative Distribution (PCD) function reports the total number of pixels greater than (or
less than) a programmable threshold.
To switch between pixels greater than or pixels less than the threshold, a control bit is provided in
the DMM_Mode register when requesting a measurement.
2.9.5
Horizontal Position
The Horizontal Position measures the start and end of video data in INCLKS clock cycles relative to
the posedge of hsync.
The Data Horizontal Start is defined as the number of INCLKS clock cycles between posedge of
hsync and the “first data pixel”.
First data pixel is either:
1. First pixel greater than the programmable threshold value
2. First pixel with the absolute value (current pixel - previous pixel) is greater than the
programmable threshold value
The Data Horizontal End is defined as the number of INCLKS clock cycles between posedge of
hsync and the “last data pixel plus one”. The search for the last pixels ends at the end of a window.
Last data pixel plus one is either:
1. Pixel after the last pixel that is greater than the programmable threshold value
2. Last pixel with the absolute value (current pixel - previous pixel) is greater than the
programmable threshold value
To switch between the two threshold methods used in the first and last pixel, a control bit is provided
in the DMM_Mode register when requesting a measurement.
The first and last pixels are measured for each line, and the earliest first and latest last for the
selected pixel area are reported out at the end of the measurement. The intention is for “last data
pixel plus one” minus “first data pixel” is to equal the horizontal width of the video format.
2.9.6
Vertical Position
The Vertical Position measures the start and end of video data in hsyncs relative to the posedge of
vsync.
The Data Vertical Start is defined as the number of hsyncs signals between the positive edge of the
vsync signal and the “first data pixel line”.
First data pixel line definition is the first line with at least one pixel that is greater then the
programmable threshold.
The Data Vertical End is defined as the number of hsyncs between posedge of vsync and the “first
blanking line after data plus one”. The first blanking line is detected then confirmed that each
subsequent line contains no data pixels. The confirmation of the first blanking line measurement
ends at the posedge of vsync.
The first blanking line after data definition is the row after the last row with at least one pixel greater
than the programmable threshold.
The first and last data pixel lines are measured within a frame and the earliest first and latest last for
the selected pixel area are reported out at the end of the measurement. The intention is for “data
vertical end plus one” minus “data vertical start” is to equal the vertical height of the video format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com