Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700XT Datasheet(PDF) 55 Page - STMicroelectronics

Part # ADE3700XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700XT Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ADE3700XT Datasheet HTML 51Page - STMicroelectronics ADE3700XT Datasheet HTML 52Page - STMicroelectronics ADE3700XT Datasheet HTML 53Page - STMicroelectronics ADE3700XT Datasheet HTML 54Page - STMicroelectronics ADE3700XT Datasheet HTML 55Page - STMicroelectronics ADE3700XT Datasheet HTML 56Page - STMicroelectronics ADE3700XT Datasheet HTML 57Page - STMicroelectronics ADE3700XT Datasheet HTML 58Page - STMicroelectronics ADE3700XT Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
55/89
ADE3700
Pattern Generator
When the programmed block size is such that the complete 8x8 grid is smaller than the total screen
area, the part of the screen area which is outside the 8x8 grid is forced to black.
2.13.2 Pattern Engine
In order to display two patterns simultaneously on the LCD screen, the Pattern Generator has two
pattern display engines. Each engine can display horizontal or vertical bicolor stripes, bicolor
checkers, color bars, gray scales or color scales. It is also possible to select the video stream from
the scaler as a pattern.
The pattern engine displays a bi-directional x-y symmetric pattern. Two 24-bit colors, C0 and C1,
are alternately displayed with a horizontal period of Width and vertical period of Height.
Programming a large Width and a small Height generates horizontal bars whereas the opposite will
generate vertical bars. Programming small numbers for Width and Height generates checker
patterns.
Each of the two patterns is also given X and Y offset attributes, so that it is possible to center the
pattern inside the grid blocks.
A gradient effect can be applied independently on each of the two patterns, to either or both
horizontal and vertical directions. The gradient effect takes two parameters: STEP and DELTA that
define a ramp.
2.13.3 Borders
The Border Generator adds a single pixel width border to the whole display area. Each of the four
sides of the display can be one of 8 independent colors.
Figure 7: Pattern Generator (Screen Split)
Table 19: PGEN Registers (Sheet 1 of 5)
Register Name
Addr
Mode
Bits
Default
Description
PGEN_PGEN_ENAB
0x0600
[7:1]
Reserved
R/W
[0]
0x0
0 = disable PGEN block
1 = enable PGEN block
PGEN_GRID0
0x0601
R/W
[7:0]
0x0
Grid Row 0
PGEN_GRID1
0x0602
R/W
[7:0]
0x0
Grid Row 1
PGEN_GRID2
0x0603
R/W
[7:0]
0x0
Grid Row 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com