Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSD1796DBRG4 Datasheet(PDF) 27 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DSD1796DBRG4 Datasheet HTML 23Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 24Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 25Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 26Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 27Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 28Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 29Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 30Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
27
OS[1:0]: Delta-Sigma Oversampling Rate Selection
These bits are available for read and write.
Default value: 00
OS[1:0]
Operation Speed Select
00
64 times fS (default)
01
32 times fS
10
128 times fS
11
Reserved
The OS bits are used to change the oversampling rate of delta-sigma modulation. Use of this function enables the designer
to stabilize the conditions at the post low-pass filter for different sampling rates. As an application example, programming
to set 128 times in 44.1-kHz operation, 64 times in 96-kHz operation, and 32 times in 192-kHz operation allows the use
of only a single type (cutoff frequency) of post low-pass filter. The 128-fS oversampling rate is not available at sampling rates
above 100 kHz. If the 128-fS oversampling rate is selected, a system clock of more than 256 fS is required.
In DSD mode, these bits are used to select the speed of the bit clock for DSD data coming into the analog FIR filter.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 21
R/W
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
DZ1
DZ0
PCMZ
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
DZ[1:0]: DSD Zero Output Enable
These bits are available for read and write.
Default value: 00
DZ[1:0]
Zero Output Enable
00
Disabled (default)
01
Even pattern detect
1x
96h pattern detect
The DZ bits are used to enable or disable the output zero flags, and to select the zero pattern in the DSD mode. The
DSD1796 sets zero flags when the numbers of 1s and 0s are equal in every 8 bits of DSD input data, or the DSD input data
is 1001 0110 continuously for 23 ms.
PCMZ: PCM Zero Output Enable
These bits are available for read and write.
Default value: 1
PCMZ = 0
PCM zero output disabled
PCMZ = 1
PCM zero output enabled (default)
The PCMZ bit is used to enable or disable the output zero flags in the PCM mode and the external DF mode. The DSD1796
sets the zero flags when the input data is continuously zero for 1024 PLRCKs in the PCM mode or 1024 WDCKs in the
external filter mode.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 22
R
0
0
1
0
1
1
0
RSV
RSV
RSV
RSV
RSV
RSV
ZFGR
ZFGL
R: Read Mode Select
Value is always 1, specifying the readback mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com