Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSD1796DBRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 4 Page - Texas Instruments

  DSD1796DBRG4 Datasheet HTML 1Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 2Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 3Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 4Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 5Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 6Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 7Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 8Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless
otherwise noted
PARAMETER
TEST CONDITIONS
DSD1796DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSD MODE DYNAMIC PERFORMANCE (1) (2) (44.1 kHz, 64 fS)
THD+N at FS
2 V rms
0.0007%
Dynamic range
–60 dB, EIAJ, A-weighted
122
dB
Signal-to-noise ratio
EIAJ, A-weighted
122
dB
ANALOG OUTPUT
Gain error
–7
±2
7
% of FSR
Gain mismatch, channel-to-channel
–3
±0.5
3
% of FSR
Bipolar zero error
At BPZ
–2
±0.5
2
% of FSR
Output current
Full scale (0 dB)
4
mA p-p
Center current
At BPZ
–3.5
mA
DIGITAL FILTER PERFORMANCE
De-emphasis error
±0.1
dB
FILTER CHARACTERISTICS-1: SHARP ROLLOFF
Pass band
±0.0002 dB
0.454 fS
Pass band
–3 dB
0.49 fS
Stop band
0.546 fS
Pass-band ripple
±0.0002
dB
Stop-band attenuation
Stop band = 0.546 fS
–98
dB
Delay time
38/fS
s
FILTER CHARACTERISTICS-2: SLOW ROLLOFF
Pass band
±0.001 dB
0.21 fS
Pass band
–3 dB
0.448 fS
Stop band
0.79 fS
Pass-band ripple
±0.001
dB
Stop-band attenuation
Stop band = 0.732 fS
–80
dB
Delay time
38/fS
s
(1) Filter condition:
THD+N: 20-Hz HPF, 20-kHz AES17 LPF
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two Cascade audio measurement system by Audio Precision in the averaging
mode.
(2) Dynamic performance and DC accuracy are specified at the output of the postamplifier as shown in Figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com