Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSD1796DBRG4 Datasheet(PDF) 47 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 47 Page - Texas Instruments

Back Button DSD1796DBRG4 Datasheet HTML 43Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 44Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 45Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 46Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 47Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 48Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 49Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 50Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
47
Audio Fields
The audio field is 32 bits in length and the audio data is transferred MSB first, so the other fields must be stuffed with 0s
as shown in the following example.
31
16
12
8
7
4 3
0
Audio Data
MSB
24 Bits
LSB
All 0s
TDMCA Register Requirements
TDMCA mode requires device ID and audio channel information, previously described. The OPE bit in register 19 indicates
audio channel availability and register 23 indicates the device ID. Register 23 is used only in the TDMCA mode. See the
mode control register map (Table 3).
Register Write/Read Operation
The command supports register write and read operations. If the command requests to read one register, the read data
is transferred on DO during the data phase of the timing cycle. The DI signal can be retrieved at the positive edge of BCK,
and the DO signal is driven at the negative edge of BCK. DO is activated one BCK cycle early to compensate for the output
delay caused by high impedance. Figure 55 shows the TDMCA write and read timing.
BCK
DI
DO
DOEN
(Internal)
1 BCK Early
Read Mode and Proper Register ID
Write Data Retrieved, if Write Mode
Read Data Driven, if Read Mode
Register ID Phase
Data Phase
Figure 55. TDMCA Write and Read Operation Timing
TDMCA Mode Operation
DCO specifies the owner of the next audio channel in TDMCA mode operation. When a device retrieves its own audio
channel data, DCO goes HIGH during the last audio channel period. Figure 56 shows the DCO output timing in TDMCA
mode operation. The host controller ignores the behavior of DCI and DCO. DCO indicates the last audio channel of each
device. Therefore, DCI means the next audio channel is allocated.
If some devices are skipped due to no active audio channel, the skipped devices must notify the next device that the DCO
will be passed through the next DCI. Figure 57 and Figure 58 show DCO timing with skip operation. Figure 59 shows the
ac timing of the daisy chain signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com