Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSD1796DBRG4 Datasheet(PDF) 35 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DSD1796DBRG4 Datasheet HTML 31Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 32Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 33Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 34Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 35Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 36Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 37Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 38Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
35
Audio Format
The DSD1796 in the external digital filter interface mode supports right-justified audio formats including 16-bit, 20-bit, and
24-bit audio data, as shown in Figure 36. The audio format is selected by the FMT[2:0] bits of control register 18.
MSB
LSB
16
BCK
1/4 fS or 1/8 fS
WDCK
Audio Data Word = 16-Bit
Audio Data Word = 20-Bit
Audio Data Word = 24-Bit
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
16
15
MSB
LSB
16
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
20
19
20
17 18 19
MSB
LSB
16
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
24
23
20
17 18 19
24
21 22 23
DATA,
DATAL, DATAR
DATA,
DATAL, DATAR
DATA,
DATAL, DATAR
Figure 36. Audio Data Input Format for External Digital Filter (Internal DF Bypass Mode) Application
System Clock (SCK) and Interface Timing
The DSD1796 in an application using an external digital filter requires the synchronization of WDCK and the system clock.
The system clock is phase-free with respect to WDCK. Interface timing among WDCK, BCK, DATA, DATAL, and DATAR
is shown in Figure 37.
t(BCH)
1.4 V
BCK
WDCK
t(BCL)
t(LB)
t(BCY)
t(DS)
t(DH)
1.4 V
1.4 V
t(BL)
DATA
DATAL
DATAR
PARAMETER
MIN
MAX
UNITS
t(BCY) BCK pulse cycle time
20
ns
t(BCL) BCK pulse duration, LOW
7
ns
t(BCH) BCK pulse duration, HIGH
7
ns
t(BL)
BCK rising edge to WDCK falling edge
5
ns
t(LB)
WDCK falling edge to BCK rising edge
5
ns
t(DS)
DATA, DATAL, DATAR setup time
5
ns
t(DH)
DATA, DATAL, DATAR hold time
5
ns
Figure 37. Audio Interface Timing for External Digital Filter (Internal DF Bypass Mode) Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com