Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSD1796DBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  DSD1796DBRG4 Datasheet HTML 1Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 2Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 3Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 4Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 5Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 6Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 7Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 8Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
DSD1796
24BIT, 192kHz SAMPLING, ADVANCED SEGMENT,
AUDIO STEREO DIGITALTOANALOG CONVERTER
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
FEATURES
D Supports Both DSD and PCM Formats
D 24-Bit Resolution
D Analog Performance:
− Dynamic Range: 123 dB
− THD+N: 0.0005%
D Differential Current Output: 4 mA p-p
D 8× Oversampling Digital Filter:
− Stop-Band Attenuation: –98 dB
− Pass-Band Ripple:
±0.0002 dB
D Sampling Frequency: 10 kHz to 200 kHz
D System Clock: 128, 192, 256, 384, 512, or
768 fS With Autodetect
D Accepts 16-, 20-, and 24-Bit Audio Data
D PCM Data Formats: Standard, I2S, and
Left-Justified
D DSD Format Interface Available
D Interface Available for Optional External
Digital Filter or DSP
D TDMCA Interface Available
D User-Programmable Mode Controls:
− Digital Attenuation: 0 dB to –120 dB,
0.5 dB/Step
− Digital De-Emphasis
− Digital Filter Rolloff: Sharp or Slow
− Soft Mute
D Compatible With DSD1792 (Pins and Mode
Controls)
D Dual Supply Operation:
− 5-V Analog, 3.3-V Digital
D 5-V Tolerant Digital Inputs
D Small 28-Lead SSOP Package
APPLICATIONS
D A/V Receivers
D SACD Players
D DVD Players
D HDTV Receivers
D Car Audio Systems
D Digital Multi-Track Recorders
D Other Applications Requiring 24-Bit Audio
DESCRIPTION
The DSD1796 is a monolithic CMOS integrated circuit that
includes stereo digital-to-analog converters and support
circuitry in a small 28-lead SSOP package. The data
converters use TI’s advanced-segment DAC architecture
to achieve excellent dynamic performance and improved
tolerance to clock jitter. The DSD1796 provides balanced
current outputs, allowing the user to optimize analog
performance externally. The DSD1796 accepts the PCM
and DSD audio data formats, providing easy interfacing to
audio DSP and decoder chips. The DSD1796 also
interfaces with external digital filter devices (DF1704,
DF1706, PMD200). Sampling rates up to 200 kHz are
supported. A full set of user-programmable functions is
accessible through an SPI serial control port, which
supports register write and readback functions. The
DSD1796 also supports the time-division-multiplexed
command and audio (TDMCA) data format.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
BurrBrown Products
from Texas Instruments
Copyright
 2006, Texas Instruments Incorporated


Similar Part No. - DSD1796DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1796DBRG4 TI2-DSD1796DBRG4 Datasheet
893Kb / 63P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
REVISED NOVEMBER 2006
More results

Similar Description - DSD1796DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1794 TI-PCM1794 Datasheet
241Kb / 27P
24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1796 TI-DSD1796 Datasheet
460Kb / 53P
24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1793 TI-PCM1793 Datasheet
234Kb / 25P
24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1792 TI-PCM1792 Datasheet
517Kb / 10P
24 BIT 192KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1738 BURR-BROWN-PCM1738 Datasheet
2Mb / 33P
24-Bit, 192kHz Sampling, Advanced Segment, Audio-Stereo DIGITAL-TO-ANALOG CONVERTER
PCM1796 BURR-BROWN-PCM1796 Datasheet
512Kb / 57P
24BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
DSD1792A BURR-BROWN-DSD1792A Datasheet
440Kb / 55P
24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com