Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSD1796DBRG4 Datasheet(PDF) 39 Page - Texas Instruments

Part # DSD1796DBRG4
Description  24BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSD1796DBRG4 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DSD1796DBRG4 Datasheet HTML 35Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 36Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 37Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 38Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 39Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 40Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 41Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 42Page - Texas Instruments DSD1796DBRG4 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
DSD1796
SLES101A – DECEMBER 2003 – REVISED NOVEMBER 2006
www.ti.com
39
ANALOG FIR FILTER PERFORMANCE IN DSD MODE
Figure 41. DSD Filter-1, Low BW
f – Frequency – kHz
−6
−5
−4
−3
−2
−1
0
0
50
100
150
200
GAIN
vs
FREQUENCY
Figure 42. DSD Filter-1, High BW
f – Frequency – kHz
−60
−50
−40
−30
−20
−10
0
0
500
1000
1500
GAIN
vs
FREQUENCY
fc = 185 kHz
Gain(1) = –6.6 dB
Figure 43. DSD Filter-2, Low BW
f – Frequency – kHz
−6
−5
−4
−3
−2
−1
0
0
50
100
150
200
GAIN
vs
FREQUENCY
Figure 44. DSD Filter-2, High BW
f – Frequency – kHz
−60
−50
−40
−30
−20
−10
0
0
500
1000
1500
GAIN
vs
FREQUENCY
fc = 90 kHz
Gain(1) = 0.3 dB
(1) This gain is in comparison to PCM 0 dB, when the DSD input signal efficiency is 50%.
All specifications at DBCK = 2.8224 MHz (44.1 kHz
× 64 fS), and 50% modulation DSD data input, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com