Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2204 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX2204
Description  Dual Low Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2204 Datasheet(HTML) 3 Page - IXYS Corporation

  IX2204 Datasheet HTML 1Page - IXYS Corporation IX2204 Datasheet HTML 2Page - IXYS Corporation IX2204 Datasheet HTML 3Page - IXYS Corporation IX2204 Datasheet HTML 4Page - IXYS Corporation IX2204 Datasheet HTML 5Page - IXYS Corporation IX2204 Datasheet HTML 6Page - IXYS Corporation IX2204 Datasheet HTML 7Page - IXYS Corporation IX2204 Datasheet HTML 8Page - IXYS Corporation IX2204 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX2204
R03
www.ixysic.com
3
1
Specifications
1.1 Package Pinout: 16-Pin SOIC Package
1.2 Pin Description: 16-Pin SOIC Package
VLA - 1
BLANK - 8
OUTLA - 2
OUTHA - 3
TRISTATE - 6
MODE - 7
VHA - 4
DESAT - 5
16 - VLB
9 - GND
15 - OUTLB
14 - OUTHB
11 - INA
10 - FAULT
13 - VHB
12 - INB
Pin#
Name
Description
1
VLA
Channel A negative supply
2OUTLA
Channel A sinking output
3
OUTHA
Channel A sourcing output
4
VHA
Channel A positive supply & logic
supply
5DESAT
Desaturation comparator input
6TRISTATE
Channel A tristate timing
7MODE
Mode control
8BLANK
Channel A start-up blanking time
9GND
Signal ground
10
FAULT
Fault status output
11
INA
Channel A logic input
12
INB
Channel B logic input
13
VHB
Channel B positive Supply
14
OUTHB
Channel B sourcing output
15
OUTLB
Channel B sinking output
16
VLB
Channel B negative supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com