Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2204 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX2204
Description  Dual Low Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2204 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX2204 Datasheet HTML 2Page - IXYS Corporation IX2204 Datasheet HTML 3Page - IXYS Corporation IX2204 Datasheet HTML 4Page - IXYS Corporation IX2204 Datasheet HTML 5Page - IXYS Corporation IX2204 Datasheet HTML 6Page - IXYS Corporation IX2204 Datasheet HTML 7Page - IXYS Corporation IX2204 Datasheet HTML 8Page - IXYS Corporation IX2204 Datasheet HTML 9Page - IXYS Corporation IX2204 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R03
IX2204
2
Performance Characteristics
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
Output Resistance
vs. Temperature
(I
OUTH=-2A, IOUTL=4A)
R
OUTH
R
OUTL
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
Output Resistance
vs. Temperature
(I
OUTH=-100mA, IOUTL=100mA)
R
OUTH
R
OUTL
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
10.0
10.5
11.0
11.5
12.0
12.5
13.0
UVLO+ Threshold
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
1.0
1.5
2.0
2.5
3.0
Power Supply Current
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
-180
-170
-160
-150
-140
-130
-120
TRISTATE and BLANK Source Current
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
1.30
1.35
1.40
1.45
1.50
V
DESAT Threshold
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
-25
-20
-15
-10
-5
0
5
10
15
20
25
Pulse Width Distortion
vs. Temperature
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
0
20
40
60
80
100
Propagation Delay
vs. Temperature
TDHL
TDLH
Temperature (ºC)
-50
-25
0
25
50
75
100
125
150
2
3
4
5
6
7
8
Peak Output Current
vs. Temperature
(10
μs Pulse)
I
OUTL
I
OUTH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com