Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2204 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX2204
Description  Dual Low Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2204 Datasheet(HTML) 5 Page - IXYS Corporation

  IX2204 Datasheet HTML 1Page - IXYS Corporation IX2204 Datasheet HTML 2Page - IXYS Corporation IX2204 Datasheet HTML 3Page - IXYS Corporation IX2204 Datasheet HTML 4Page - IXYS Corporation IX2204 Datasheet HTML 5Page - IXYS Corporation IX2204 Datasheet HTML 6Page - IXYS Corporation IX2204 Datasheet HTML 7Page - IXYS Corporation IX2204 Datasheet HTML 8Page - IXYS Corporation IX2204 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX2204
R03
www.ixysic.com
5
1.6 AC Electrical Characteristics
13V < VHA < 25V; -40°C<TA<125°C
1.7 Thermal Characteristics
1.8 AC Input/Output Timing Diagram (MODE=0V)
1.9 AC Fault Timing Diagram
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
OUT Rise Time
VH=18V, CLOAD=1nF
tr
--
40
ns
OUT Fall Time
tf
-8
20
Delay, IN to OUT Rising
TDLH
-
70
100
Delay, IN to OUT Falling
TDHL
-
70
100
IN to OUT Pulse Distortion
(twin - twout), CLOAD=0
tw
-7
25
ns
(twin - twout), CLOAD=1nF
-7
25
DESAT Blank Time
CBLANK=0
tBLANK
-
-
100
ns
CBLANK=100pF
-
875
-
Delay Time, DESAT to Output Tristate
RL=100 to GND
tDELAY1
-
50
100
ns
Duration of Tristate OUT
CTRISTATE=0
tTRISTATE
-
-
100
ns
CTRISTATE=100pF
-
1000
-
Delay Time, TRISTATE high to OUT Low
VH=18V, CLOAD=1nF
tDELAY2
-
-
100
ns
Parameter
Symbol
Rating
Units
Thermal Resistance, Junction to Ambient
JA
75.4
°C/W
IN X
OUT X
tf
tr
tDHL
tDLH
V IL
V IH
90%
90%
10%
10%
90%
10%
tw in
twout
50%
50%
DESAT
1.4V
OUT
VH
VL
t
DELAY1
t
DELAY2
t
TRISTATE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com