Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2204 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX2204
Description  Dual Low Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2204 Datasheet(HTML) 1 Page - IXYS Corporation

  IX2204 Datasheet HTML 1Page - IXYS Corporation IX2204 Datasheet HTML 2Page - IXYS Corporation IX2204 Datasheet HTML 3Page - IXYS Corporation IX2204 Datasheet HTML 4Page - IXYS Corporation IX2204 Datasheet HTML 5Page - IXYS Corporation IX2204 Datasheet HTML 6Page - IXYS Corporation IX2204 Datasheet HTML 7Page - IXYS Corporation IX2204 Datasheet HTML 8Page - IXYS Corporation IX2204 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX2204-R03
www.ixysic.com
1
Features
• High Output Current: 2A Source/4A Sink
• Wide Operating Voltage Range: -10V to +26V
• Negative Gate Drive Capability
• Desaturation Detection Circuit
• Separate Source and Sink Outputs
• Programmable Blanking and Output Tristate
• TTL Compatible Inputs
• -40°C to +125°C Extended Operating Temperature
Range
• Under-Voltage Lockout Circuitry
• Fault Status Output
Applications
• Efficient IGBT Switching
• Motor Controls
• Switch Mode Power Supplies
Description
The IX2204 is a dual high current gate driver
specifically designed to drive the gates of high current
IGBTs. The IX2204 provides two high current outputs
capable of sourcing 2A and sinking 4A. The outputs
can be paralleled for IGBT gates that require higher
drive current. The outputs have a wide operating
voltage range, and are able to provide a negative gate
drive voltage to ensure the turn-off of high power
IGBTs. A desaturation detection circuit protects the
power IGBT during a short circuit. The IX2204 has a
programmable two-level turn-off feature that protects
the device against excessive voltages when the IGBT
is being turned off due to an over-current situation.
The IX2204 has under voltage lockout circuitry and a
fault status output, and is available in a 16-lead
thermally enhanced SOIC package.
Ordering Information
IX2204 Functional Block Diagram
Part
Description
IX2204NE
16-Pin SOIC in Tubes (50/Tube)
IX2204NETR 16-Pin SOIC in Tape & Reel (2000/Reel)
Control
Logic
A Channel
Level Shift
UVLO
INA
INB
MODE
BLANK
TRISTATE
DESAT
FAULT
GND
VHA
VLA
OUTHA
OUTLA
B Channel
Level Shift
VHB
OUTHB
OUTLB
VLB
1.4V
IX2204
Dual Low Side
IGBT Gate Driver


Similar Part No. - IX2204

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX2113 IXYS-IX2113 Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2113B IXYS-IX2113B Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2113BTR IXYS-IX2113BTR Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2113G IXYS-IX2113G Datasheet
297Kb / 13P
Outputs Capable of Sourcing and Sinking 2A
IX2120 IXYS-IX2120 Datasheet
263Kb / 13P
1200V High and Low Side
More results

Similar Description - IX2204

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1210 IRF-IR1210 Datasheet
63Kb / 5P
DUAL LOW SIDE DRIVER
IR4426 IRF-IR4426 Datasheet
141Kb / 12P
DUAL LOW SIDE DRIVER
IRS4426 IRF-IRS4426 Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
IR25600SPBF IRF-IR25600SPBF Datasheet
625Kb / 10P
Dual Low Side Driver
IR4428STRPBF IRF-IR4428STRPBF Datasheet
300Kb / 12P
DUAL LOW SIDE DRIVER
IRS44262S IRF-IRS44262S Datasheet
286Kb / 15P
DUAL LOW SIDE DRIVER
AUIRS44261S IRF-AUIRS44261S Datasheet
498Kb / 21P
DUAL LOW SIDE DRIVER
IR4426STRPBF IRF-IR4426STRPBF Datasheet
311Kb / 12P
DUAL LOW SIDE DRIVER
AUIRS44261S IRF-AUIRS44261S_15 Datasheet
498Kb / 21P
DUAL LOW SIDE DRIVER
IR25600PBF IRF-IR25600PBF_15 Datasheet
1Mb / 11P
Dual Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com