Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2204 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX2204
Description  Dual Low Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2204 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX2204 Datasheet HTML 2Page - IXYS Corporation IX2204 Datasheet HTML 3Page - IXYS Corporation IX2204 Datasheet HTML 4Page - IXYS Corporation IX2204 Datasheet HTML 5Page - IXYS Corporation IX2204 Datasheet HTML 6Page - IXYS Corporation IX2204 Datasheet HTML 7Page - IXYS Corporation IX2204 Datasheet HTML 8Page - IXYS Corporation IX2204 Datasheet HTML 9Page - IXYS Corporation IX2204 Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R03
IX2204
4
Application Drawings
4.1 Parallel-Mode IGBT Drive with Desaturation Detection
4.2 Direct IGBT Drive
4.3 Stack-Mode IGBT Drive with Desaturation Detection
-10V
-10V
15V
15V
15V
VLA
OUTLA
OUTHA
VHA
DESAT
TRISTATE
MODE
BLANK
VLB
OUTLB
OUTHB
VHB
INB
INA
FAULT
GND
IX2204
V
DD
OUT
C
TRISTATE
C
BLK
-10V
-10V
15V
15V
VLA
OUTLA
OUTHA
VHA
DESAT
TRISTATE
MODE
BLANK
VLB
OUTLB
OUTHB
VHB
INB
INA
FAULT
GND
IX2204
V
DD
OUTB
OUTA
-10V
15V
15V
VLA
OUTLA
OUTHA
VHA
DESAT
TRISTATE
MODE
BLANK
VLB
OUTLB
OUTHB
VHB
INB
INA
FAULT
GND
IX2204
V
DD
OUT
C
TRISTATE
C
BLK
-10V
15V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com