Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2204 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX2204
Description  Dual Low Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2204 Datasheet(HTML) 4 Page - IXYS Corporation

  IX2204 Datasheet HTML 1Page - IXYS Corporation IX2204 Datasheet HTML 2Page - IXYS Corporation IX2204 Datasheet HTML 3Page - IXYS Corporation IX2204 Datasheet HTML 4Page - IXYS Corporation IX2204 Datasheet HTML 5Page - IXYS Corporation IX2204 Datasheet HTML 6Page - IXYS Corporation IX2204 Datasheet HTML 7Page - IXYS Corporation IX2204 Datasheet HTML 8Page - IXYS Corporation IX2204 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R03
IX2204
1.3 Absolute Maximum Ratings
Note 1: VHx-VLx maximum is 26V.
1.4 Recommended Operating Conditions
1.5 DC Electrical Characteristics
13V < VHA < 25V; 13V<VHB<25V; -40°C<TA<125°C.
Parameter
Symbol
Minimum
Maximum
Units
VH Supply Voltage 1
VHA, VHB
-26
V
VL Supply Voltage
VLA, VLB
-10
-
V
Supply Voltage All Other Pins
-
GND-0.3
VHA+0.3
V
Output Sourcing Current
IOUTH
--2
A
Output Sinking Current
IOUTL
-4
A
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-65
+150
°C
Parameter
Symbol
Minimum
Maximum
Units
VH Supply Voltage
VHA, VHB
-25
V
VL Supply Voltage
VLA, VLB
-10
GND
V
Operating Temperature Range
TA
-40
+125
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Power Supply Current
VHA=18V
IVHA
--
3.5
mA
Under-Voltage Lockout Output Enable Threshold
VHA Rising
UVLO+
10
-
13
V
Under-Voltage Lockout Output Hysteresis
-
UVLOHYS
-1-
V
INA / INB Logic Low Threshold
-
VIL
0.8
-
-
V
INA / INB Logic High Threshold
-
VIH
--
2
V
INA / INB / MODE Input Current
-
IIN
--
1
A
DESAT Threshold
-
VDESAT
1.26
1.4
1.54
V
TRISTATE / BLANK Source Current
-
ISRC
-100
-160
-210
A
FAULT Output
FAULT Low Voltage
IFAULT=8mA
VFAULT
--
0.8
V
Outputs
Low Output Voltage
No Load
VOUTL
--
VL+0.025
V
High Output Voltage
No Load
VOUTH
VH-0.025
-
-
V
Output Resistance
VH=18V, IOUTH= -100mA
ROUTH
-2.4
5
VH=18V, IOUTL= 100mA
ROUTL
-1.2
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com