Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5102 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 45Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 46Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 47Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 48Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 49Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 50Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 51Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 52Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
IN2R_ENA_STS
0
Input Path 2 (Right) Enable Status
0 = Disabled
1 = Enabled
1
IN1L_ENA_STS
0
Input Path 1 (Left) Enable Status
0 = Disabled
1 = Enabled
0
IN1R_ENA_STS
0
Input Path 1 (Right) Enable Status
0 = Disabled
1 = Enabled
Table 2 Input Signal Path Enable
INPUT SIGNAL PATH SAMPLE RATE CONTROL
The input signal paths may be selected as input to the digital mixers or signal processing functions
within the WM5102 digital core. The sample rate for the input signal paths is configured using the
IN_RATE register - see Table 21 within the “Digital Core” section.
Note that sample rate conversion is required when routing the input signal paths to any signal chain
that is asynchronous and/or configured for a different sample rate.
INPUT SIGNAL PATH CONFIGURATION
The WM5102 supports six input signal paths. Each pair of inputs can be configured as single-ended,
differential, or digital microphone configuration. Note that the mode is configurable for each stereo pair
of inputs; the Left and Right channels of any pair of inputs are always in the same mode.
The input signal path configuration is selected using the INn_MODE registers (where ‘n’ identifies the
associated input). The external circuit configurations are illustrated on the previous pages.
The analogue input signal paths (single-ended or differential) each incorporate a PGA to provide gain
in the range 0dB to +31dB in 1dB steps. Note that these PGAs do not provide pop suppression
functions; it is recommended that the gain should not be adjusted whilst the respective signal path is
enabled.
The analogue input PGA gain is controlled using the INnL_PGA_VOL and INnR_PGA_VOL registers.
Note that separate volume control is provided for the Left and Right channels of each stereo pair.
When the input signal path is configured for digital microphone input, the voltage reference for the
associated input/output pins is selectable using the INn_DMIC_SUP registers - each interface may be
referenced to MICVDD, or to the MICBIAS1, MICBIAS2 or MICBIAS3 levels.
A digital delay may be applied to any of the digital microphone input channels. This feature can be
used for phase adjustment of any digital input, including directional control of multiple microphones.
The delay is controlled using the INnL_DMIC_DLY and INnR_DMIC_DLY registers.
The MICVDD voltage is generated by an internal Charge Pump and LDO Regulator. The MICBIAS1,
MICBIAS2 and MICBIAS3 outputs are derived from MICVDD - see “Charge Pumps, Regulators and
Voltage Reference”.
Under default register conditions, the input signal paths are configured for highest performance. This
can be adjusted using the INn_OSR registers, which provide control of the DMICCLKn frequency and
the ADC oversample rate.
The input signal paths are configured using the register bits described in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com