Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5102 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 82Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 83Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 84Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 85Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 86Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 87Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 88Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 89Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
86
DIGITAL CORE DSP
The digital core incorporates a programmable DSP block, as illustrated in Figure 33. The DSP
supports 8 inputs (Left, Right, Aux1, Aux2, … Aux6). A 4-input mixer is associated with the Left and
Right inputs, providing further expansion of the number of input paths. Each of the input sources is
selectable, and independent volume control is provided for Left and Right input mixer channels. The
DSP block supports 6 outputs.
The functionality of the DSP is not fixed, and a wide range of audio enhancements algorithms may be
performed. The procedure for configuring the WM5102 DSP functions is tailored to each customer’s
application; please contact your local Wolfson representative for more details.
For details of the DSP Firmware requirements relating to clocking, register access, and code
execution, refer to the “DSP Firmware Control” section.
Figure 33 Digital Core DSP Block
The DSP1 mixer / input control registers (see Figure 33) are located at register addresses R2368
(940h) through to R2383 (094Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the DSP1 block. Note that the selected input
source(s) must be configured for the same sample rate as the DSP to which they are connected.
Sample rate conversion functions are available to support flexible interconnectivity - see
“Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 33, eg. “(68h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate of the DSP input/output is configured using the DSP1_RATE register - see Table 21.
Sample rate conversion is required when routing the DSP1 signal paths to any signal chain that is
asynchronous and/or configured for a different sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com